Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT807CTPYGI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 74FCT807CTPYGI
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT807CTPYGI Datasheet(HTML) 6 Page - Renesas Technology Corp

  74FCT807CTPYGI Datasheet HTML 1Page - Renesas Technology Corp 74FCT807CTPYGI Datasheet HTML 2Page - Renesas Technology Corp 74FCT807CTPYGI Datasheet HTML 3Page - Renesas Technology Corp 74FCT807CTPYGI Datasheet HTML 4Page - Renesas Technology Corp 74FCT807CTPYGI Datasheet HTML 5Page - Renesas Technology Corp 74FCT807CTPYGI Datasheet HTML 6Page - Renesas Technology Corp 74FCT807CTPYGI Datasheet HTML 7Page - Renesas Technology Corp 74FCT807CTPYGI Datasheet HTML 8Page - Renesas Technology Corp 74FCT807CTPYGI Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
Pulse
Generator
R T
D.U.T.
V CC
V IN
C
V OUT
L
50pF
Pulse
Generator
R T
D.U.T.
VCC
V IN
V OUT
C L
30pF
Pulse
Generator
R T
D.U.T.
VCC
V IN
V OUT
50
10pF
220pF
Pulse
Generator
R T
D.U.T.
V CC
V IN
V OUT
100
100
10pF
V CC
Pulse
Generator
R T
D.U.T.
VCC
V IN
C L
V OUT
50pF
500
500
7.0V
The capacitor value for AC termination is determined by the operating frequency. For
very low frequencies a higher capacitor value should be selected.
TEST CIRCUITS
Fig. 5: Enable and Disable Time Circuit
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test
Switch
Disable LOW
6V
Enable LOW
Disable HIGH
GND
Enable HIGH
SWITCH POSITION
Fig. 1: 50
Ω
Ω
Ω
Ω
Ω to VCC/2, CL = 10pF
Fig. 2: 50
Ω
Ω
Ω
Ω
Ω AC Termination, CL = 10pF
Fig. 3: CL = 30pF Circuit
Fig. 4: CL = 50pF Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com