Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPTLS Datasheet(PDF) 1 Page - Bertech.

Part # KPTLS
Description  Low Static Kapton Tape
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

KPTLS Datasheet(HTML) 1 Page - Bertech.

  KPTLS Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Low Static Kapton Tape
RoHS Compliant
KPTLS Series
Low Static Kapton
® Tapes are made of 1 mil thick polyimide film backed by 1.5 mil silicone
adhesive with electro-static dissipative (ESD) properties to reduce the static charge. The silicone
adhesive leaves no residue. They can withstand temperatures of up to 260 degrees C (500 degrees F).
Color is amber and available in 36-yard rolls.
Features:
• Thin and conformable enabling masking of uneven surfaces
• Wide operating temperature range from -100°F to 500°F
• Removes cleanly without adhesive residue after exposure to heat
• High performance silicone adhesive
• High strength backing provides superior resistance to puncture and tear
• Designed to minimize the effect of static during stripping and peeling
APPLICATIONS: 3D Printing, Aerospace Assembly, Automotive Facilities, Electronic Assembly, Fiber
Optics Manufacturing, and Solar Panels
TYPICAL PHYSICAL PROPERTIES
(1)
Color
Amber
Adhesion Type
Silicone
Film Thickness
1 Mil
Adhesive Thickness
1.5 Mil
Adhesion to Steel
25 Oz./in.
Total Thickness
2.5 Mil
Tensile Strength
30 lbs./in.
Elongation
55 %
Dielectric Strength
7000 volts
Operating Temperature
-73 °C (-100°F) to 260°C (500°F)
Resistance to acids, oils, solvents
Excellent
Static Charge: (Measured at 50% RH,
70°F in an ESD controlled environment)
Removal from roll: <150 volts
Removal from PWB: <50 volts
Length
36 yards
Kapton® is a trademark of Dupont
(1) Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.


Similar Part No. - KPTLS

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPTL-3216CGCK TO-GRACE-KPTL-3216CGCK Datasheet
901Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
logo
Kingbright Corporation
KPTL-3216CGCK KINGBRIGHT-KPTL-3216CGCK Datasheet
3Mb / 19P
Optoelectronic Components
KPTL-3216CGCK-01 KINGBRIGHT-KPTL-3216CGCK-01 Datasheet
238Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
V.4B MAY/09/2012
KPTL-3216EC-01 KINGBRIGHT-KPTL-3216EC-01 Datasheet
238Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
V.3A JUL/06/2012
logo
HK TO-GRACE TECHNOLOGY ...
KPTL-3216QBC-D TO-GRACE-KPTL-3216QBC-D Datasheet
891Kb / 4P
3.2 x 1.6 mm SMD Chip LED Lamp
More results

Similar Description - KPTLS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81802 ETC2-81802 Datasheet
39Kb / 1P
AISLE MARKING TAPE, STATIC SENSITIVE AREA
logo
Molex Electronics Ltd.
0734200672 MOLEX11-0734200672 Datasheet
53Kb / 1P
50 Ohms, SMP-MAX Plug Detent, Straight, Surface Mount, Tape and Reel with Kapton
0734156181 MOLEX11-0734156181 Datasheet
73Kb / 1P
50 Ohms, SMP Surface Mount Plug, Limited Detent, Tape and Reel with Kapton Tape
0734151632 MOLEX11-0734151632 Datasheet
60Kb / 1P
75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Gold, 800 Pieces Per Tape and Reel with Kapton Tape
0734151632 MOLEX-0734151632_V01 Datasheet
51Kb / 1P
75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Gold, 800 Pieces Per Tape and Reel with Kapton Tape
logo
3M Electronics
5419 3M-5419 Datasheet
112Kb / 3P
Low Static Polyimide Film Tape 5419
7419 3M-7419 Datasheet
141Kb / 3P
Low Static Polyimide Film Tape 7419
logo
Bertech.
KPT BERTECH-KPT Datasheet
158Kb / 1P
1 Mil Kapton Tape
KPT2 BERTECH-KPT2 Datasheet
167Kb / 1P
2 Mil Kapton Tape
KPT5 BERTECH-KPT5 Datasheet
158Kb / 1P
5 Mil Kapton Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com