Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER50A Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER50A
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER50A Datasheet HTML 6Page - STMicroelectronics VIPER50A Datasheet HTML 7Page - STMicroelectronics VIPER50A Datasheet HTML 8Page - STMicroelectronics VIPER50A Datasheet HTML 9Page - STMicroelectronics VIPER50A Datasheet HTML 10Page - STMicroelectronics VIPER50A Datasheet HTML 11Page - STMicroelectronics VIPER50A Datasheet HTML 12Page - STMicroelectronics VIPER50A Datasheet HTML 13Page - STMicroelectronics VIPER50A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10/23
VIPer50/SP - VIPer50A/ASP
Figure 12: Avalanche Test Circuit
1
FC00195
U1
VIPer100
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
23
54
1
R3
100
R2
1k
BT2
12V
C1
47uF
16V
Q1
2 x STHV102FI in parallel
R1
47
L1
1mH
GENERATOR INPUT
500us PULSE
BT1
0 to 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com