Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2-12D Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # LMP2-12D
Description  LM SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LMP2-12D Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  LMP2-12D Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LMP2-12D Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LM SERIES
RAYEX ELEC.
•Height 20.5mm
•Transparent cover
•High sensitive type
•Dielectric strength AC 5,000V
•8mm insulation distance
•Using at home appliances, microwave ovens,
air conditioners, audio equipment, temperature controller
FEATURES
ORDERING INFORMATION
COIL DATA (at 25 )
C
UL FILE NO. : E131959
CUL FILE NO. : E131959
12
LM
D
1H
1
3
5
6
A
4
Maximum Pick Up
Voltage (V)
Minimum Drop Out
Voltage (V)
5
12
24
4
9.6
19.2
DC 0.53 W
47
270
1,100
Nominal Current
(mA)
106.4
44.4
21.8
0.5
1.2
2.4
Coil Nominal
Voltage(VDC)
Resistance
Tol
±10%(Ohms)
1. Type
2. Style
P:
Transparent cover
3.Cont.Type
1:1 Pole (12A)
2:2 Pole (8A)
1H:1 Pole 2 Feet(16A)
4.Contact Arrangement
Nil: Form C
A: Form A
B: Form B
5.Coil Nominal Voltage
6.Coil Nominal Voltage Type
D:DC
P
2
6
68
0.6
4.8
88.0


Similar Part No. - LMP2-12D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011MA NSC-LMP2011MA Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011MA NSC-LMP2011MA Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LMP2-12D

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
LM-80 Certified
EAHP1215WB9 EVERLIGHT-EAHP1215WB9 Datasheet
1Mb / 24P
LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
LM-80 Certified
EAHP2024WB5 EVERLIGHT-EAHP2024WB5 Datasheet
1Mb / 23P
LM-80 Certified
EAHP2024WB8 EVERLIGHT-EAHP2024WB8 Datasheet
1Mb / 23P
LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
LM-80 Certified
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
LM-80 Certified
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com