Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ17 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFQ17
Description  NPN 1 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ17 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFQ17 Datasheet HTML 1Page - NXP Semiconductors BFQ17 Datasheet HTML 2Page - NXP Semiconductors BFQ17 Datasheet HTML 3Page - NXP Semiconductors BFQ17 Datasheet HTML 4Page - NXP Semiconductors BFQ17 Datasheet HTML 5Page - NXP Semiconductors BFQ17 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFQ17
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-s
thermal resistance from junction to
soldering point
up to Ts = 145 °C (note 1)
30 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 20 V; Tj =50 °C
−−
20
µA
VCE sat
collector-emitter saturation voltage
IC = 100 mA; IB = 10 mA
−−
0.5
V
hFE
DC current gain
IC = 150 mA; VCE = 5 V
25
80
−
Cc
collector capacitance
IE = ie = 0; VCB = 15 V; f = 1 MHz
−−
4pF
Cre
feedback capacitance
IC = 10 mA; VCE = 15 V;
f = 1 MHz; Tamb = 25 °C
−
1.9
−
pF
fT
transition frequency
IC = 150 mA; VCE = 15 V;
f = 500 MHz
−
1.5
−
GHz
GUM
maximum unilateral power gain
(note 1)
IC = 60 mA; VCE = 15 V;
f = 200 MHz; Tamb = 25 °C
−
16
−
dB
IC = 60 mA; VCE = 15 V;
f = 800 MHz; Tamb = 25 °C
−
6.5
−
dB
G
UM
10
S
21
2
1S
11
2
–


1S
22
2
–


--------------------------------------------------------------
dB.
log
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com