Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FST163233 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IDT74FST163233
Description  16-BIT 2:1 MUX/DEMUX SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT74FST163233 Datasheet(HTML) 4 Page - Renesas Technology Corp

  IDT74FST163233 Datasheet HTML 1Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 2Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 3Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 4Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 5Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 6Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 7Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FST163233
16-BIT 2:1 MUX/DEMUX SWITCH
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
—
0.5
1.5
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
—
30
40
µA/
Current(4,5)
One Select Pin Toggling
VIN = GND
MHz/
50% Duty Cycle
Select
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
—
120
160
µA/
Current(4,5)
One Test Pin Toggling
VIN = GND
MHz/
50% Duty Cycle
Test
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
—
0.3
0.4
mA
One Select Pin Toggling
VIN = GND
fi = 10MHz
VIN = VCC
—
0.6
1.2
50% Duty Cycle
VIN = 3.4V
VCC = Max.
VIN = VCC
—
0.6
0.8
Two Select Pins Toggling
VIN = GND
fi = 10MHz
VIN = VCC
—
1.1
2.3
50% Duty Cycle
VIN = 3.4V
POWER SUPPLY CHARACTERISTICS
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. TA = –40°C to +85°C
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. Switch inputs do not contribute to
ΔICC.
4. This parameter represents the current required to switch the internal capacitance of the control inputs at the specified frequency.
Switch inputs generate no significant power supply currents as they transition. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. CPD = ICCD/VCC
CPD = Power Dissipation Capacitance
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fiN)
ICC = Quiescent Current
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fi = Control Input Frequency
N = Number of Control Inputs Toggling at fi



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com