Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FST6800PGG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 74FST6800PGG
Description  10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FST6800PGG Datasheet(HTML) 5 Page - Renesas Technology Corp

  74FST6800PGG Datasheet HTML 1Page - Renesas Technology Corp 74FST6800PGG Datasheet HTML 2Page - Renesas Technology Corp 74FST6800PGG Datasheet HTML 3Page - Renesas Technology Corp 74FST6800PGG Datasheet HTML 4Page - Renesas Technology Corp 74FST6800PGG Datasheet HTML 5Page - Renesas Technology Corp 74FST6800PGG Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
INDUSTRIALTEMPERATURERANGE
IDT74FST6800
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
ORDERING INFORMATION
XX
FST
XX
X
Package
Device Type
Temp. Range
QG
PGG
74
Quarter-size Small Outline Package - Green
Thin Shrink Small Outline Package - Green
10-Bit Bus Switch with Precharged Outputs
–40°C to +85°C
6800
X
Blank
8
Tube or Tray
Tape and Reel
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
04/16/2015
Pg. 5
Updated the ordering information by removing the "IDT" notation, non RoHS part and by
adding Tape and Reel information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com