Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXPS7115D4S Datasheet(PDF) 29 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 32Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
Address Register
Type[1]
7
6
5
4
3
2
1
0
68h
SNSDATA0_
TIME2
R
SNSDATA0_TIME[23:16]
69h
SNSDATA0_
TIME3
R
SNSDATA0_TIME[31:24]
6Ah
SNSDATA0_
TIME4
R
SNSDATA0_TIME[39:32]
6Bh
SNSDATA0_
TIME5
R
SNSDATA0_TIME[47:40]
6Ch
P_MAX_L
R
P_MAX[7:0]
6Dh
P_MAX_H
R
P_MAX[15:8]
6Eh
P_MIN_L
R
P_MIN[7:0]
6Fh
P_MIN_H
R
P_MIN[15:8]
70h to
77h
reserved
R
reserved
78h
FRT0
R
FRT[7:0]
79h
FRT1
R
FRT[15:8]
7Ah
FRT2
R
FRT[23:16]
7Bh
FRT3
R
FRT[31:24]
7Ch
FRT4
R
FRT[39:32]
7Dh
FRT5
R
FRT[47:40]
7Eh to
9Fh
reserved
R
reserved
Sensor specific information - user readable registers with OTP
A0h to
AEh
reserved
F
reserved
AFh
CRC_F_A
F
LOCK_F_A
REGA_BLOCKID[2:0]
CRC_F_A[3:0]
B0h to
BEh
reserved
F
reserved
BFh
CRC_F_B
F
LOCK_F_B
REGB_BLOCKID[2:0]
CRC_F_B[3:0]
Traceability Information
C0h
ICTYPEID
F
ICTYPEID[7:0]
C1h
ICREVID
F
ICREVID[7:0]
C2h
ICMFGID
F
ICMFGID[7:0]
C3h
reserved
F
reserved
C4h
PN0
F
PN0[7:0]
C5h
PN1
F
PN1[7:0]
C6h
SN0
F
SN[7:0]
C7h
SN1
F
SN[15:8]
C8h
SN2
F
SN[23:16]
C9h
SN3
F
SN[31:24]
CAh
SN4
F
SN[39:32]
CBh
ASICWFR#
F
ASICWFR#[7:0]
CCh
ASICWFR_X
F
ASICWFR_X[7:0]
CDh
ASICWFR_Y
F
ASICWFR_Y[7:0]
CEh
reserved
F
reserved
CFh
CRC_F_C
F
LOCK_F_C
REGC_BLOCKID[2:0]
CRC_F_C[3:0]
D0h
ASICWLOT_L
F
ASICWLOT_L[7:0]
Table 35. User-accessible data — sensor specific information...continued
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.1 — 7 June 2023
29 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com