Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXPS7115D4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 1 Page - NXP Semiconductors

  FXPS7115D4_V02 Datasheet HTML 1Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 2Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 3Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 4Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.1 — 7 June 2023
Product data sheet
1 General description
The FXPS7115D4 high-performance, high-precision barometric absolute pressure (BAP) sensor consists of a
compact capacitive micro-electro-mechanical systems (MEMS) device coupled with a digital integrated circuit
(IC) producing a fully calibrated digital output.
The sensor is based on NXP's high-precision capacitive pressure cell technology. The architecture benefits
from redundant pressure transducers as an expanded quality measure. This sensor delivers highly accurate
pressure and temperature readings through either a serial peripheral interface (SPI) or an inter-integrated circuit
(I2C) interface. Furthermore, the sensor employs an on-demand digital self-test for the digital IC and the MEMS
transducers.
The sensor operates over a pressure range of 40 kPa to 115 kPa and over a wide temperature range of −40 ºC
to 130 ºC.
The sensor comes in an industry-leading 4 mm x 4 mm x 1.98 mm, restriction of hazardous substances (RoHS)
compliant, high power quad flat no lead (HQFN) package[1] suitable for small PCB integration. Its AEC-Q100[2]
compliance, high accuracy, reliable performance, and high media resistivity make it ideal for use in automotive,
industrial, and consumer applications.
2 Features and benefits
• Absolute pressure range: 40 kPa to 115 kPa
• Operating temperature range: –40 °C to 130 °C
• Pressure transducer and digital signal processor (DSP)
– Digital self-test
• I2C compatible serial interface
– Client mode operation
– Standard mode, Fast mode, and Fast-mode Plus support
• 32-bit SPI compatible serial interface
– Sensor data transmission commands
– 12-bit data for absolute pressure
– 8-bit data for temperature
– 2-bit basic status and 2-bit detailed status fields
– 3, 4, or 8-bit configurable CRC
• Capacitance to voltage converter with anti-aliasing filter
• Sigma delta ADC plus sinc filter
• 800 Hz or 1000 Hz low-pass filter for absolute pressure
• Lead-free, 16-pin HQFN, 4 mm x 4 mm x 1.98 mm package


Similar Part No. - FXPS7115D4_V02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7115D4 NXP-FXPS7115D4_V01 Datasheet
957Kb / 75P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6 - 6 June 2022
FXPS7115D4 NXP-FXPS7115D4_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.2 - 28 June 2023
More results

Similar Description - FXPS7115D4_V02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7115D4 NXP-FXPS7115D4 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 3-5 December 2019
FXPS7115D4 NXP-FXPS7115D4_V01 Datasheet
957Kb / 75P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6 - 6 June 2022
FXPS7115D4S NXP-FXPS7115D4S Datasheet
1Mb / 74P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1-9 August 2022
FXPS7550D4S NXP-FXPS7550D4S Datasheet
1Mb / 73P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1-9 August 2022
FXPS7115D4S NXP-FXPS7115D4S_V01 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.1 - 7 June 2023
FXPS7115D4 NXP-FXPS7115D4_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 6.2 - 28 June 2023
FXPS7250D4 NXP-FXPS7250D4_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 250 kPa
Rev. 6.1 - 28 June 2023
FXPS7400D4S NXP-FXPS7400D4S_V01 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 1.1 - 28 June 2023
FXPS7115D4S NXP-FXPS7115D4S_V02 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.2 - 28 June 2023
FXPS7115D4S NXP-FXPS7115D4S_V03 Datasheet
1Mb / 72P
Digital absolute pressure sensor, 40 kPa to 115 kPa
Rev. 1.4 - 3 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com