Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPVZ12G Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPVZ12G
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPVZ12G Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPVZ12G Datasheet HTML 1Page - Freescale Semiconductor, Inc MPVZ12G Datasheet HTML 2Page - Freescale Semiconductor, Inc MPVZ12G Datasheet HTML 3Page - Freescale Semiconductor, Inc MPVZ12G Datasheet HTML 4Page - Freescale Semiconductor, Inc MPVZ12G Datasheet HTML 5Page - Freescale Semiconductor, Inc MPVZ12G Datasheet HTML 6Page - Freescale Semiconductor, Inc MPVZ12G Datasheet HTML 7Page - Freescale Semiconductor, Inc MPVZ12G Datasheet HTML 8Page - Freescale Semiconductor, Inc MPVZ12G Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MPVZ12
Rev 0, 09/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
10 kPa Uncompensated
Silicon Pressure Sensors
The MPVZ12 series is a silicon piezoresistive pressure sensor providing a
very accurate and linear voltage output — directly proportional to the applied
pressure. This standard, low cost, uncompensated sensor permits
manufacturers to design and add their own external temperature compensating
and signal conditioning networks. Compensation techniques are simplified
because of the predictability of Freescale's single element strain gauge design.
Features
•
Low Cost
•
Patented Silicon Shear Stress Strain Gauge Design
•
Ratiometric to Supply Voltage
•
Easy to Use Chip Carrier Package Options
•
Differential and Gauge Options
•
Durable Epoxy Package
•
Increased media compatibility fluorocarbon gel
Application Examples
•
Air Movement Control
•
Environmental Control Systems
•
Level Indicators
•
Leak Detection
•
Medical Instrumentation
•
Industrial Controls
•
Pneumatic Control Systems
•
Robotics
ORDERING INFORMATION(1)
1. MPVZ12 series pressure sensors are available in differential and gauge configurations.
Devices are available in the basic element package or with pressure port fittings which
provide printed circuit board mounting ease and barbed hose pressure connections.
Device Type
Options
Case No.
Order Number
Device Marking
Ported
Gauge
482A
MPVZ12GC6U
MPVZ12G
482C
MPVZ12GC7U
MPVZ12G
1735
MPVZ12GW6U
MZ12GW
1560
MPVZ12GW7U
MZ12GW
MPVZ12 SERIES
UNCOMPENSATED PRESSURE
SENSOR
0 TO 10 kPA (0–1.45 psi)
55 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBERS
1
GND
5
N/C
2
+Vout
6
N/C
3
Vs
7
N/C
4
–Vout
8
N/C
NOTE: Pin 1 is noted by the notch in the lead.
MPVZ12GC6U
CASE 482A-01
MPVZ12GC7U
CASE 482C-03
MPVZ12GW7U
CASE 1560-02
MPVZ12GW6U
CASE 1735-01
SMALL OUTLINE PACKAGE


Similar Part No. - MPVZ12G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ12G FREESCALE-MPVZ12G Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12GC6U FREESCALE-MPVZ12GC6U Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12GC7U FREESCALE-MPVZ12GC7U Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12GW6U FREESCALE-MPVZ12GW6U Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12GW7U FREESCALE-MPVZ12GW7U Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
More results

Similar Description - MPVZ12G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com