Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KASMC10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 3KASMC10
Description  Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3KASMC10 Datasheet(HTML) 3 Page - Vishay Siliconix

  3KASMC10 Datasheet HTML 1Page - Vishay Siliconix 3KASMC10 Datasheet HTML 2Page - Vishay Siliconix 3KASMC10 Datasheet HTML 3Page - Vishay Siliconix 3KASMC10 Datasheet HTML 4Page - Vishay Siliconix 3KASMC10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number 88480
29-Jun-06
www.vishay.com
3
3KASMC10 thru 3KASMC43A
Vishay General Semiconductor
Note:
(1) Mounted on minimum recommended pad layout
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RθJA
77.5
°C/W
Thermal resistance Junction to leads
RθJL
18.3
ORDERING INFORMATION
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
3KASMC10AHE3/57T
0.211
57T
850
7" Diameter Plastic Tape & Reel
3KASMC10AHE3/9AT
0.211
9AT
3500
13" Diameter Plastic Tape & Reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current versus Initial Junction
Temperature
0.1
1
10
100
0.1
1
10
100
1000
10000
td - Pulse Width (µs)
0
25
50
75
100
0
50
100
150
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
0
50
100
150
td
0
1.0
2.0
3.0
4.0
tr = 10 µsec
Peak Value
IPPM
Half Value -
IPPM
IPP
2
10/1000 µsec Waveform
as defined by R.E.A.
Tj = 25 °C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50 % of IPPM
t - Time (ms)
100
1000
10000
10
20
30
40
50
Vwm - Reverse Stand-off Voltage (V)
Tj = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
Measured at
Zero Bias
Measured at
Stand-off Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com