Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMR1341G Datasheet(PDF) 3 Page - MultiDimension Technology Co.,Ltd.

Part # AMR1341G
Description  High-Sensitivity Pneumatic Cylinder Switch Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR1341G Datasheet(HTML) 3 Page - MultiDimension Technology Co.,Ltd.

  AMR1341G Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 9Page - MultiDimension Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
03
1. Functional Block Diagram
AMR134x series switches are composed of AMR
sensors and signal processing circuits. The AMR
sensor detects external magnetic field, generates an
analog voltage signal, and outputs a logical switch
level after processing by the circuit as shown in
Figure 1.
CMOS
Drive
REG
Dynamic Cancel
offset
Op_amp
Latch
Temp
Compensation
circuit
Timing Logic
OSC
Figure 1. Block diagram
2. Switching Characteristics
The Figure 2 shows the sensing direction is parallel
to the silkscreen surface of the package as shown
by the arrow.
Figure 2. Sensing direction
The output is “High”, when power is on at zero
magnetic field. B is the external magnetic field along
the sensing direction, BOPS (BOPN) is the operating
point, BRPS (BRPN) is the release point, and hysteresis
BH is define as the difference between BOPS and BRPS
(BOPN and BRPN).
The sensor outputs a high level, when the magnetic
field along the sensing axis exceeds the operate
point BOPS (BOPN), and the device outputs a low
level, when the magnetic field is reduced below the
release point BRPS (BRPN) as shown in Figure 3.
VOUT
H(S pole)
BOPS
BRPS
BRPN
BOPN
VOH
VOL
BH
BH
Figure 3. Switching characteristics
3. Pin Configuration
1
VOUT
VOUT
VCC
VCC
GND
GND
2
3
1
2
3
TOP VIEW
BOTTOM VIEW
Figure 4-1. Pin configuration (DFN3L)
3
VCC
VOUT
2
1
GND
GND
3
2
1
TOP VIEW
BOTTOM VIEW
Figure 4-2. Pin configuration (LGA3L)
Pin Number
Name
Function
DFN3L
LGA3L
1
2
VOUT
Output
2
3
VCC
Power supply
3
1
GND
Ground
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
AMR134x
High-Sensitivity Pneumatic Cylinder Switch Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com