Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMLL4448 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMLL4448
Description  High-speed switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMLL4448 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMLL4448 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMLL4448 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Single high-speed switching diodes, fabricated in planar technology, and encapsulated in
small hermetically sealed glass SOD80C Surface-Mounted Device (SMD) packages.
1.2 Features and benefits
High switching speed: trr ≤ 4ns
Reverse voltage: VR ≤ 75 V
Repetitive peak reverse voltage: VRRM ≤ 100 V
Repetitive peak forward current: IFRM ≤ 450 mA
Small hermetically sealed glass SMD package
1.3 Applications
High-speed switching
Reverse polarity protection
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
When switched from IF = 10 mA to IR =60mA; RL = 100 Ω; measured at IR =1mA.
PMLL4148L; PMLL4448
High-speed switching diodes
Rev. 8 — 1 February 2011
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
PMLL4148L
SOD80C
single
PMLL4448
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] --
200
mA
IFRM
repetitive peak forward
current
--
450
mA
VR
reverse voltage
-
-
75
V
VF
forward voltage
PMLL4148L
IF =50mA
-
-
1
V
PMLL4448
IF = 5 mA
620-
720mV
IF = 100 mA
-
-
1
V
trr
reverse recovery time
[2] --
4
ns


Similar Part No. - PMLL4448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMLL4448 PHILIPS-PMLL4448 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
PMLL4448 PHILIPS-PMLL4448 Datasheet
67Kb / 11P
High-speed switching diodes
Rev. 06-4 April 2005
PMLL4448 NXP-PMLL4448 Datasheet
74Kb / 11P
High-speed switching diodes
Rev. 07-31 January 2007
PMLL4448 NXP-PMLL4448 Datasheet
122Kb / 11P
High-speed switching diodes
Rev. 8-1 February 2011
PMLL4448 NXP-PMLL4448 Datasheet
122Kb / 11P
High-speed switching diodes Rev. 8 ??1 February 2011
Rev. 8-1 February 2011
More results

Similar Description - PMLL4448

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com