Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ128GA Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC24FJ128GA
Description  General Purpose, 16-Bit Flash Microcontrollers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC24FJ128GA Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA Datasheet HTML 25Page - Microchip Technology PIC24FJ128GA Datasheet HTML 26Page - Microchip Technology PIC24FJ128GA Datasheet HTML 27Page - Microchip Technology PIC24FJ128GA Datasheet HTML 28Page - Microchip Technology PIC24FJ128GA Datasheet HTML 29Page - Microchip Technology PIC24FJ128GA Datasheet HTML 30Page - Microchip Technology PIC24FJ128GA Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 232 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39747C-page 25
PIC24FJ128GA FAMILY
3.0
MEMORY ORGANIZATION
As
Harvard
architecture
devices,
PIC24
micro-
controllers feature separate program and data memory
spaces and busses. This architecture also allows the
direct access of program memory from the data space
during code execution.
3.1
Program Address Space
The
program
address
memory
space
of
PIC24FJ128GA family devices is 4M instructions. The
space is addressable by a 24-bit value derived from
either the 23-bit Program Counter (PC) during program
execution, or from table operation or data space
remapping, as described in Section 3.3 “Interfacing
Program and Data Memory Spaces”.
User access to the program memory space is restricted
to the lower half of the address range (000000h to
7FFFFFh). The exception is the use of TBLRD/TBLWT
operations, which use TBLPAG<7> to permit access to
the Configuration bits and Device ID sections of the
configuration memory space.
Memory maps for the PIC24FJ128GA family of devices
are shown in Figure 3-1.
FIGURE 3-1:
PROGRAM SPACE MEMORY MAP FOR PIC24FJ128GA FAMILY DEVICES
Reset Address
000000h
0000FEh
000002h
000100h
Device Configuration
User Flash
Program Memory
00AC00h
00ABFEh
(22K instructions)
800000h
F80000h
Registers
F8000Eh
F80010h
DEVID (2)
FEFFFEh
FF0000h
FFFFFEh
F7FFFEh
Unimplemented
(Read ‘0’s)
GOTO
Instruction
000004h
Reserved
7FFFFEh
Reserved
000200h
0001FEh
000104h
Alternate Vector Table
Reserved
Interrupt Vector Table
Reset Address
Device Configuration
User Flash
Program Memory
(32K instructions)
Registers
DEVID (2)
Unimplemented
(Read ‘0’s)
GOTO
Instruction
Reserved
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
Reset Address
Device Configuration
User Flash
Program Memory
(44K instructions)
Registers
DEVID (2)
Unimplemented
(Read ‘0’s)
GOTO
Instruction
Reserved
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24FJ64GA
PIC24FJ96GA
PIC24FJ128GA
Flash Config Words
Flash Config Words
Flash Config Words
010000h
00FFFEh
015800h
0157FEh
Note:
Memory areas are not shown to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com