Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ67T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFQ67T
Description  NPN 8 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ67T Datasheet(HTML) 5 Page - NXP Semiconductors

  BFQ67T Datasheet HTML 1Page - NXP Semiconductors BFQ67T Datasheet HTML 2Page - NXP Semiconductors BFQ67T Datasheet HTML 3Page - NXP Semiconductors BFQ67T Datasheet HTML 4Page - NXP Semiconductors BFQ67T Datasheet HTML 5Page - NXP Semiconductors BFQ67T Datasheet HTML 6Page - NXP Semiconductors BFQ67T Datasheet HTML 7Page - NXP Semiconductors BFQ67T Datasheet HTML 8Page - NXP Semiconductors BFQ67T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000 Mar 06
5
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFQ67T
In Figs 6 to 9, GUM = maximum unilateral power gain; MSG = maximum stable gain; Gmax = maximum available gain.
handbook, halfpage
MRC042
0
5
10
15
20
0
5
10
15
20
25
30
35
MSG
Gmax
gain
(dB)
IC (mA)
GUM
Fig.6 Gain as a function of collector current.
VCE = 8 V; f = 1 GHz; Tamb =25 °C.
handbook, halfpage
0
10
20
30
40
50
10−2
10−1
110
f (GHz)
MRC040
MSG
GUM
Gmax
gain
(dB)
Fig.7 Gain as a function of frequency.
IC = 5 mA; VCE = 8 V; Tamb =25 °C.
handbook, halfpage
MRC041
0
10
20
30
40
50
10−2
10−1
110
f (GHz)
MSG
GUM
Gmax
gain
(dB)
Fig.8 Gain as a function of frequency.
IC = 15 mA; VCE = 8 V; Tamb =25 °C.
handbook, halfpage
MRC043
0
10
20
30
40
50
10−2
10−1
110
f (GHz)
MSG
GUM
Gmax
gain
(dB)
Fig.9 Gain as a function of frequency.
IC = 30 mA; VCE = 8 V; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com