Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT86 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT86
Description  Schottky barrier single diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT86 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT86 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT86 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT86 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT86 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT86 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT86 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT86 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT86 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAT86
Schottky barrier single diode
25 July 2012
Product data sheet
1. Product profile
1.1 General description
Planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a hermetically-sealed subminiature SOD68 (DO-34) package. The diode
is suitable for mounting on a 2 E (5.08 mm) pitch.
1.2 Features and benefits
• Low forward voltage
• Guard ring protected
• Hermetically-sealed leaded glass package
1.3 Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF(AV)
average forward
current
δ = 0.5 ; f = 20 kHz; Tamb ≤ 50 °C; PCB
mounting, lead length = 4 mm
-
-
200
mA
VR
reverse voltage
-
-
50
V
VF
forward voltage
IF = 10 mA; Tamb = 25 °C
-
-
450
mV
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
a
k
DO-34 (SOD68)
aaa-003679
K
A
[1] The marking band indicates the cathode.


Similar Part No. - BAT86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT86 PHILIPS-BAT86 Datasheet
31Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT86 GE-BAT86 Datasheet
44Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT86 BILIN-BAT86 Datasheet
33Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT86 GOOD-ARK-BAT86 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
Single Schottky barrier diode
Rev. 2-8 November 2011
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
Schottky barrier single diode
24 July 2012
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
Single Schottky barrier diode
Rev. 2-8 November 2011
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
Schottky barrier single diode
17 December 2012
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
Schottky barrier single diode
17 December 2012
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
Single Schottky barrier diode
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
Schottky barrier single diode
16 June 2021
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
Schottky barrier single diode
1 October 2022
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
Single Schottky barrier diode
Rev. 2 - 28 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com