Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72325 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST72325
Description  8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST72325 Datasheet HTML 10Page - STMicroelectronics ST72325 Datasheet HTML 11Page - STMicroelectronics ST72325 Datasheet HTML 12Page - STMicroelectronics ST72325 Datasheet HTML 13Page - STMicroelectronics ST72325 Datasheet HTML 14Page - STMicroelectronics ST72325 Datasheet HTML 15Page - STMicroelectronics ST72325 Datasheet HTML 16Page - STMicroelectronics ST72325 Datasheet HTML 17Page - STMicroelectronics ST72325 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 193 page
background image
ST72325
14/193
44
-
-
-
PA1
I/O CT
X
ei0
X
X
Port A1
45
-
-
-
PA2
I/O CT
X
ei0
X
X
Port A2
46
33
31
24
PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
47
34
32
25
VDD_1
S
Digital Main Supply Voltage
48
35
33
26
VSS_1
S
Digital Ground Voltage
49
36
34
27
PA4 (HS)
I/O CT HS
X
XX
X
Port A4
50
37
35
28
PA5 (HS)
I/O CT HS
X
XX
X
Port A5
51
38
36
29
PA6 (HS)/SDAI
I/O CT HS
X
TPort A6
I2C Data 1)
52
39
37
30
PA7 (HS)/SCLI
I/O CT HS
X
TPort A7
I2C Clock 1)
53
40
38
31
VPP/ ICCSEL
I
Must be tied low. In flash program-
ming mode, this pin acts as the
programming voltage input VPP.
See Section 12.9.2 for more de-
tails. High voltage must not be ap-
plied to ROM devices
54
43
39
32
RESET
I/O CT
Top priority non maskable inter-
rupt.
55
-
-
-
EVD
External voltage detector
56
-
-
-
TLI
I
CT
X
Top level interrupt input pin
57
44
40
33
VSS_2
S
Digital Ground Voltage
58
45
41
34
OSC23)
I/O
Resonator oscillator inverter out-
put
59
46
42
35
OSC13)
I
External clock input or Resonator
oscillator inverter input
60
47
43
36
VDD_2
S
Digital Main Supply Voltage
61
48
44
37
PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
62
1
1
38
PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
63
-
-
-
PE2
I/O CT
X
XX
X
Port E2
64
-
-
-
PE3
I/O CT
X
XX
X
Port E3
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com