Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482PF Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB90F482PF
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482PF Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB90F482PF Datasheet HTML 20Page - fujitsu semiconductor MB90F482PF Datasheet HTML 21Page - fujitsu semiconductor MB90F482PF Datasheet HTML 22Page - fujitsu semiconductor MB90F482PF Datasheet HTML 23Page - fujitsu semiconductor MB90F482PF Datasheet HTML 24Page - fujitsu semiconductor MB90F482PF Datasheet HTML 25Page - fujitsu semiconductor MB90F482PF Datasheet HTML 26Page - fujitsu semiconductor MB90F482PF Datasheet HTML 27Page - fujitsu semiconductor MB90F482PF Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
MB90480/485 Series
24
(Continued)
Address
Register name
Abbreviated
register
name
Read/
Write
Resource name
Initial value
9DH
µDMA status register
DSRH
R/W
µDMA
0 0 0 0 0 0 0 0B
9EH
Program address detection control
status resister
PACSR
R/W
Address match
detection function
0 0 0 0 0 0 0 0B
9FH
Dilayed interrupt source general/
cancel register
DIRR
R/W
Delayed interruput
generator module
- - - - - - - 0B
A0H
Low-power consumption mode control
register
LPMCR
R/W
Low-power
operation
0 0 0 1 1 0 0 0B
A1H
Clock select register
CKSCR
R/W
low-power
operation
1 1 1 1 1 1 0 0B
A2H, A3H
(Reserved area)
A4H
µDMA stop status register
DSSR
R/W
µDMA
0 0 0 0 0 0 0 0B
A5H
Automatic ready function select register
ARSR
W
External pins
0 0 1 1 - - 0 0B
A6H
External address output control register
HACR
W
External pins
* * * * * * * *B
A7H
Bus control signal control register
EPCR
W
External pins
1 0 0 0 * 1 0 -B
A8H
Watchdog timer control register
WDTC
R/W
Watchdog timer
XXXXX 1 1 1B
A9H
Timebase timer control register
TBTC
R/W
Timebase timer
1 X X 0 0 1 0 0B
AAH
Watch timer control register
WTC
R/W
Watch timer
1 0 0 0 1 0 0 0B
ABH
(Reserved area)
ACH
µDMA enable area
DERL
R/W
µDMA
0 0 0 0 0 0 0 0B
ADH
µDMA enable area
DERH
R/W
µDMA
0 0 0 0 0 0 0 0B
AEH
Flash memory control status register
FMCR
R/W
Flash memory
interface
0 0 0 X 0 0 0 0B
AFH
(Disabled)
B0H
Interrupt control register 00
ICR00
W, R/W
X X X X 0 1 1 1B
B1H
Interrupt control register 01
ICR01
W, R/W
X X X X 0 1 1 1B
B2H
Interrupt control register 02
ICR02
W, R/W
X X X X 0 1 1 1B
B3H
Interrupt control register 03
ICR03
W, R/W
X X X X 0 1 1 1B
B4H
Interrupt control register 04
ICR04
W, R/W
X X X X 0 1 1 1B
B5H
Interrupt control register 05
ICR05
W, R/W
X X X X 0 1 1 1B
B6H
Interrupt control register 06
ICR06
W, R/W
X X X X 0 1 1 1B
B7H
interrupt control register 07
ICR07
W, R/W
X X X X 0 1 1 1B
B8H
Interrput control register 08
ICR08
W, R/W
X X X X 0 1 1 1B
B9H
Interrupt control register 09
ICR09
W, R/W
X X X X 0 1 1 1B
BAH
Interrupt control register 10
ICR10
W, R/W
X X X X 0 1 1 1B
BBH
Interrupt control register 11
ICR11
W, R/W
X X X X 0 1 1 1B
BCH
Interrupt control register 12
ICR12
W, R/W
X X X X 0 1 1 1B
BDH
Interrupt control register 13
ICR13
W, R/W
X X X X 0 1 1 1B
BEH
Interrupt control register 14
ICR14
W, R/W
X X X X 0 1 1 1B
BFH
Interrupt control register 15
ICR15
W, R/W
X X X X 0 1 1 1B
C0H
Chip select area mask register
CMR0
R/W
Chip select
function
0 0 0 0 1 1 1 1 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com