Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482PFV Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB90F482PFV
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482PFV Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB90F482PFV Datasheet HTML 19Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 20Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 21Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 22Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 23Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 24Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 25Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 26Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
MB90480/485 Series
23
(Continued)
Address
Register name
Abbreviated
register name
Read/
Write
Resource name
Initial value
68H
Up/down count register ch0
UDCR0
R
8/16-bit up/down timer
counter
0 0 0 0 0 0 0 0B
69H
Up/down count register ch1
UDCR1
R
0 0 0 0 0 0 0 0B
6AH
Reload/compare register ch0
RCR0
W
0 0 0 0 0 0 0 0B
6BH
Reload/compare register ch1
RCR1
W
0 0 0 0 0 0 0 0B
6CH
Counter control register lower digits ch0
CCRL0
R/W
0 X 0 0 X 0 0 0B
6DH
Counter control register upper digits ch0
CCRH0
R/W
0 0 0 0 0 0 0 0B
6EH
(Reserved area)
6FH
ROM mirror function select register
ROMM
R/W ROM mirroring function
- - - - - - 0 1 B
70H
Counter control register lower digits ch1
CCRL1
R/W
8/16-bit up/down timer
counter
0 X 0 0 X 0 0 0B
71H
Counter control register upper digits ch1
CCRH1
R/W
- 0 0 0 0 0 0 0B
72H
Counter status register ch0
CSR0
R/W
0 0 0 0 0 0 0 0B
73H
(Reserved area)
74H
Counter status register ch1
CSR1
R/W
8/16-bit UDC
0 0 0 0 0 0 0 0B
75H
(Reserved area)
76H*
PWC control status register
PWCSR0
R/W
PWC timer (ch0)
0 0 0 0 0 0 0 0B
77H*
0 0 0 0 0 0 0 XB
78H*
PWC data buffer register
PWCR0
R/W
0 0 0 0 0 0 0 0B
79H*
0 0 0 0 0 0 0 0B
7AH*
PWC control status register
PWCSR1
R/W
PWC timer (ch 1)
0 0 0 0 0 0 0 0B
7BH*
0 0 0 0 0 0 0 XB
7CH*
PWC data buffer register
PWCR1
R/W
0 0 0 0 0 0 0 0B
7DH*
0 0 0 0 0 0 0 0B
7EH*
PWC control status register
PWCSR2
R/W
PWC timer (ch2)
0 0 0 0 0 0 0 0B
7FH*
0 0 0 0 0 0 0 XB
80H*
PWC data buffer register
PWCR2
R/W
0 0 0 0 0 0 0 0B
81H*
0 0 0 0 0 0 0 0B
82H*
Dividing ratio control register
DIVR0
R/W
PWC (ch0)
- - - - - - 0 0B
83H
(Reserved area)
84H*
Dividing ratio control register
DIVR1
R/W
PWC (ch1)
- - - - - - 0 0B
85H
(Reserved area)
86H*
Dividing ratio control register
DIVR2
R/W
PWC (ch2)
- - - - - - 0 0B
87H
(Reserved area)
88H*
Bus status register
IBSR
R
I2C
0 0 0 0 0 0 0 0B
89H*
Bus control register
IBCR
R/W
0 0 0 0 0 0 0 0B
8AH*
Bus clock control register
ICCR
R/W
- - 0 X X X X XB
8BH*
Bus address register
IADR
R/W
- X X X X X X XB
8CH*
Bus data register
IDAR
R/W
XXXXXXXXB
8DH
(Reserved area)
8EH*
µPG control status register
PGCSR
R/W
µPG
0 0 0 0 0 - - -B
8FH to 9BH
(Disabled)
9CH
µDMA status register
DSRL
R/W
µDMA
0 0 0 0 0 0 0 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com