Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4055DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4055DPBF
Description  PDP TRENCH IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4055DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4055DPBF Datasheet HTML 1Page - International Rectifier IRGP4055DPBF Datasheet HTML 2Page - International Rectifier IRGP4055DPBF Datasheet HTML 3Page - International Rectifier IRGP4055DPBF Datasheet HTML 4Page - International Rectifier IRGP4055DPBF Datasheet HTML 5Page - International Rectifier IRGP4055DPBF Datasheet HTML 6Page - International Rectifier IRGP4055DPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRGP4055DPbF
2
www.irf.com
Notes:
 Half sine wave with duty cycle = 0.25, ton=1µsec.
‚ Rθ is measured at TJ of approximately 90°C.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVCES
Collector-to-Emitter Breakdown Voltage
300
–––
–––
V
∆ΒVCES/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.23
–––
V/°C
–––
1.10
1.30
–––
1.70
2.10
V
–––
2.35
–––
–––
1.95
–––
VGE(th)
Gate Threshold Voltage
2.6
–––
5.0
V
∆VGE(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-11
–––
mV/°C
ICES
Collector-to-Emitter Leakage Current
–––
2.0
25
µA
–––
100
–––
IGES
Gate-to-Emitter Forward Leakage
–––
–––
100
nA
Gate-to-Emitter Reverse Leakage
–––
–––
-100
gfe
Forward Transconductance
–––
38
–––
S
Qg
Total Gate Charge
–––
132
–––
nC
Qgc
Gate-to-Collector Charge
–––
42
–––
td(on)
Turn-On delay time
—
44
57
IC = 35A, VCC = 180V
tr
Rise time
—
39
55
ns
RG = 10Ω, L=250µH, LS= 150nH
td(off)
Turn-Off delay time
—
245
308
TJ = 25°C
tf
Fall time
—
152
198
td(on)
Turn-On delay time
—
42
—
IC = 35A, VCC = 180V
tr
Rise time
—
40
—
ns
RG = 10Ω, L=250µH, LS= 150nH
td(off)
Turn-Off delay time
—
362
—
TJ = 150°C
tf
Fall time
—
309
—
tst
Shoot Through Blocking Time
100
–––
–––
ns
EPULSE
Energy per Pulse
µJ
Ciss
Input Capacitance
–––
4280
–––
Coss
Output Capacitance
–––
200
–––
pF
Crss
Reverse Transfer Capacitance
–––
125
–––
LC
Internal Collector Inductance
–––
5.0
–––
Between lead,
nH
6mm (0.25in.)
LE
Internal Emitter Inductance
–––
13
–––
from package
Diode Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
IF(AV)
Average Forward Current
–––
–––
8.0
A
IFSM
Non Repetitive Peak Surge Current
–––
–––
100
A
TJ = 155°C, PW = 6.0ms half sine wave
VF
Forward Voltage
–––
1.0
1.25
V
–––
0.83
1.0
trr
Diode Reverse Recovery Time
–––
–––
35
ns
IF = 1.0A, di/dt = -50A/µs, VR = 30V
–––
27
–––
TJ = 25°C IF = 8.0A, VR = 200V,
–––
40
–––
TJ = 125°C di/dt = 200A/µs
Qrr
Diode Reverse Recovery Charge
–––
30
–––
nC
TJ = 25°C IF = 8.0A, VR = 200V,
–––
106
–––
TJ = 125°C di/dt = 200A/µs
Irr
Peak Reverse Recovery Current
–––
2.2
–––
A
TJ = 25°C IF = 8.0A, VR = 200V,
–––
5.3
–––
TJ = 125°C di/dt = 200A/µs
Static Collector-to-Emitter Voltage
VCE(on)
VGE = 15V, ICE = 110A, TJ = 150°C
–––
705
–––
VCE = VGE, ICE = 1mA
VCE = 300V, VGE = 0V
VCE = 300V, VGE = 0V, TJ = 150°C
–––
915
–––
L = 220nH, C= 0.40µF, VGE = 15V
VCC = 240V, RG= 5.1Ω, TJ = 100°C
and center of die contact
VGE = 30V
VGE = -30V
ƒ = 1.0MHz,
See Fig.13
VCE = 25V, ICE = 35A
VCE = 200V, IC = 35A, VGE = 15Ve
VCC = 240V, VGE = 15V, RG= 5.1Ω
VCC = 240V, RG= 5.1Ω, TJ = 25°C
VCE = 30V
Conditions
VGE = 0V, ICE = 1 mA
Reference to 25°C, ICE = 1mA
VGE = 15V, ICE = 200A e
VGE = 15V, ICE = 35A e
VGE = 15V, ICE = 110A e
IF = 8A, TJ = 125°C
Conditions
Tc = 155°C
VGE = 0V
L = 220nH, C= 0.40µF, VGE = 15V
IF = 8A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com