Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS16951PSM Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS16951PSM
Description  GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16951PSM Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS16951PSM Datasheet HTML 1Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 2Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 3Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 4Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 5Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GMR Speed and Direction Crankshaft Sensor
with Three-Wire, Pulse-Width Output
ATS16951PSM
3
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ATS16951 P SMG TN –
ASIL Protocol:
-A: ASIL enabled with
open/short detection (1 V / 4 V output)
[blank]: ASIL disabled
Target Profile Diagnostic Feature:
-D: Feature enabled
Blank: Feature disabled
Typical Fall Time:
T1: 3 µs
T2: 6 µs
T3: 1 µs
T4: 2 µs
Typical Reverse Pulse Width:
R1: 45 µs
R2: 90 µs
R3: 135 µs
R4: 180 µs
Typical Forward Pulse Width:
F1: 22.5 µs
F2: 45 µs
Output Pulse Location:
M1: pulse sent in the middle of the target feature: valley or
tooth (decided by the N/S option)
M2: pulse sent on the mechanical edge: rising or falling
(decided by the N/S option)
Output Pulse Polarity:
N: pulse sent in the middle of the tooth or rising mechanical
edge (decided by M1/M2 option)
S: pulse sent in the middle of the valley or falling mechanical
edge (decided by M1/M2 option)
Rotation Direction (towards the pins):
F: forward pulses with target movement from pin 1 to 3
R: forward pulses with target movement from pin 3 to 1
Output Protocol:
W: pulse width protocol
O: speed only protocol
Packing Type
Package
Temperature Range
Allegro Identifier and Device Type
Configuration Options
-B: ASIL enabled without
open/short detection (0 V / 5 V output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com