Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS181-03 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS181-03
Description  LOW EMI CLOCK GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS181-03 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS181-03 Datasheet HTML 1Page - Renesas Technology Corp ICS181-03 Datasheet HTML 2Page - Renesas Technology Corp ICS181-03 Datasheet HTML 3Page - Renesas Technology Corp ICS181-03 Datasheet HTML 4Page - Renesas Technology Corp ICS181-03 Datasheet HTML 5Page - Renesas Technology Corp ICS181-03 Datasheet HTML 6Page - Renesas Technology Corp ICS181-03 Datasheet HTML 7Page - Renesas Technology Corp ICS181-03 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS181-03
LOW EMI CLOCK GENERATOR
SSCG
IDT™ / ICS™ LOW EMI CLOCK GENERATOR
2
ICS181-03
REV C 051310
Pin Assignment
Spread Spectrum Select Table
0 = connect to GND
1 = connect directly to VDD
Note: SS% pin has an internal pull-up resistor
Frequency Range Selection Table
Pin Descriptions
1
2
3
CLKIN
4
NC
GND
FS1
SS%
VDD
CLKOUT
8
7
6
5
SSON#
8-pin (150 mil) SOIC
SS%
(Pin 4)
Spread
Direction
Spread
Percentage (%)
0
Down
-1.25%
1
Down
-3.75%
FS1
(Pin 7)
Frequency Range Selection
(MHz)
0
46-60
1
58-75
Pin
Number
Pin
Name
Pin Type
Pin Description
1
CLKIN
Input
Clock Input.
2
NC
—
No connect. Do not connect this pin to anything.
3
GND
Power
Connect to ground.
4
SS%
Input
Select pin for spread amount. See table above. Internal pull-up resistor.
5
CLKOUT
Output
Spread spectrum clock output per table above.
6
VDD
Power
Connect to 3.3 V or 5 V.
7
FS1
Input
Select pin for input frequency. See table above. Internal pull-up resistor.
8
SSON#
Input
Spread Spectrum Control. This pin enables spread spectrum when low.
Internal pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com