Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ART150PEGXY Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # ART150PEGXY
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150PEGXY Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button ART150PEGXY Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 9Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ART150PE_ART150PEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2023
6 of 19
ART150PE; ART150PEG
Power LDMOS transistor
7.3 Test circuit
[1]
American Technical Ceramics type 800B or capacitor of same quality.
[2]
Vertical mounted
Printed-Circuit Board (PCB): RO4350B;
r = 3.48 F/m; thickness = 0.762 mm.
See Table 10 for a list of components.
Fig 4.
Component layout
106 mm
60 mm
amp01816
C1
C8
C3 C4
R1
C2
L1
C5
L2
C6
C7
C11
R2
C10
C9
L3
27.5 mm
19.0 mm
22.0 mm
Table 10.
List of components
For test circuit see Figure 4.
Component
Description
Value
Remarks
C1, C4, C7
multilayer ceramic chip capacitor
1 nF
[1][2]
C2
multilayer ceramic chip capacitor
110 pF
[1][2]
C3
multilayer ceramic chip capacitor
4.7
F, 100 V
Murata: GRM31CC72A475KE11L
C5
multilayer ceramic chip capacitor
20 pF
[1][2]
C6
multilayer ceramic chip capacitor
62 pF
[1][2]
C8, C9
multilayer ceramic chip capacitor
620 pF
[1][2]
C10
multilayer ceramic chip capacitor
4.7
F, 100 V
TDK: CGA9N2X7R2A465K230
C11
electrolytic capacitor
470
F, 100 V
L1
midi spring air core inductor
39 nH
Coilcraft: 1812SMS-39N
L2
air inductor
3 turns, D = 5 mm
1 mm copper wire (39 nH)
L3
air inductor
5 turns, D = 5 mm
1 mm copper wire (82 nH)
R1
chip resistor
5.1 k
SMD 1206
R2
chip resistor
0.01
FC4L110R010FER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com