Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS307-03 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS307-03
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS307-03 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS307-03 Datasheet HTML 7Page - Renesas Technology Corp ICS307-03 Datasheet HTML 8Page - Renesas Technology Corp ICS307-03 Datasheet HTML 9Page - Renesas Technology Corp ICS307-03 Datasheet HTML 10Page - Renesas Technology Corp ICS307-03 Datasheet HTML 11Page - Renesas Technology Corp ICS307-03 Datasheet HTML 12Page - Renesas Technology Corp ICS307-03 Datasheet HTML 13Page - Renesas Technology Corp ICS307-03 Datasheet HTML 14Page - Renesas Technology Corp ICS307-03 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ICS307-03
SERIALLY PROGRAMMABLE CLOCK SOURCE
SER PROG CLOCK SYNTHESIZER
IDT® SERIALLY PROGRAMMABLE CLOCK SOURCE
12
ICS307-03
REV L 032911
AC Electrical Characteristics
VDD = 3.3 V ±0.3 V, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: Measured with 15 pF load.
Note 2: Jitter performance will change depending on configuration settings.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental crystal
3
27
MHz
Clock
0.1
300
MHz
Clock Output Frequency
FOUT
5 pF load
0.0002
270
MHz
15 pF load
0.0002
200
MHz
Output Clock Rise/Fall Time
tR, tF
20 to 80% (5 pF load)
1.5
ns
Output Clock Duty Cycle
Output Divides <> 3
45
49-51
55
%
Output Divide = 3
40
60
%
Frequency Transition time
STROBE high to CLK
out
310
ms
One Sigma Clock Period Jitter
Note 2
50
ps
Maximum Absolute Jitter
tja
Deviation from mean,
Note 2
±120
ps
VCO Frequency
VCOF
100
730
MHz
Divider 1 Input
Output divider 1 = 2
(5 pF load)
540
MHz
Output divider 1 = 2
(15 pF load)
400
MHz
Output divider 1 = 3
(5 pF load)
720
MHz
Output divider 1 = 3
(15 pF load)
600
MHz
Output divider 1 = 38
~ 1029
570
MHz
All other Output
Divider 1 values
730
MHz
Divider 2 and 3 Inputs
Output divider 2, 3 = 2
(5 pF load)
540
MHz
Output divider 2, 3 = 2
(15 pF load)
400
MHz
Output divider 2, 3=12
440
MHz
Output divider 2, 3 =
16, 24, 28 and 32
500
MHz
All other Output
Divider 2 & 3 values
730
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com