Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS477-05 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS477-05
Description  QUAD PLL WITH VCXO FOR HDTV
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS477-05 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS477-05 Datasheet HTML 1Page - Renesas Technology Corp ICS477-05 Datasheet HTML 2Page - Renesas Technology Corp ICS477-05 Datasheet HTML 3Page - Renesas Technology Corp ICS477-05 Datasheet HTML 4Page - Renesas Technology Corp ICS477-05 Datasheet HTML 5Page - Renesas Technology Corp ICS477-05 Datasheet HTML 6Page - Renesas Technology Corp ICS477-05 Datasheet HTML 7Page - Renesas Technology Corp ICS477-05 Datasheet HTML 8Page - Renesas Technology Corp ICS477-05 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
QUAD PLL WITH VCXO FOR HDTV
ICS477-05
IDT™ / ICS™ QUAD PLL WITH VCXO FOR HDTV
1
ICS477-05
REV H 062404
Description
The ICS477-05 generates five high-quality,
high-frequency clock outputs including two reference
outputs from a low frequency pullable crystal. It is
designed to replace crystals and crystal oscillators in
most electronic systems.
Using Phase-Locked-Loop (PLL) techniques, the
device runs from a fundamental mode, pullable crystal.
It can replace multiple crystals and oscillators, saving
board space and cost.
Features
• Packaged in 28-pin SSOP (QSOP)
• Available in Pb-free packaging
• Replaces a VCXO plus multiple crystals and
oscillators
• On-chip patented VCXO pull range 200 ppm
(minimum)
• Duty cycle of 45/55
• Operating voltage of 3.3V
• Advanced, low power, CMOS process
• Input crystal frequency of 27 MHz
• Five output clocks
• Industrial temperature range available
Block Diagram
X1
X2
PLLA
PLLC
PLLB
Voltage
Controlled
Crystal
Oscillator
Divide
Logic
and
Output
Enable
Control
27 MHz
Pullable
Crystal
External capacitors
may be required
PLLD
VDD
GND
PDTS
VIN
10
27M
54M
74.175M
54.054M
6
2


Similar Part No. - ICS477-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
Quad PLL with VCXO for HDTV
Revision 062404
More results

Similar Description - ICS477-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
logo
Integrated Circuit Syst...
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
VCXO and HDTV Set-Top Clock Source
Revision 083104
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
Quad PLL with VCXO for HDTV
Revision 062404
ICS487-25 ICST-ICS487-25 Datasheet
150Kb / 6P
Quad PLL for DTV
Revision 050604
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
PLL with Integrated VCXO
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
Factory Programmable Quad PLL Clock Generator with VCXO
logo
Renesas Technology Corp
ICS487-25 RENESAS-ICS487-25 Datasheet
354Kb / 8P
QUAD PLL FOR DTV
092109
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com