Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-14 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS650-14
Description  NETWORKING SYSTEM CLOCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-14 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS650-14 Datasheet HTML 1Page - Renesas Technology Corp ICS650-14 Datasheet HTML 2Page - Renesas Technology Corp ICS650-14 Datasheet HTML 3Page - Renesas Technology Corp ICS650-14 Datasheet HTML 4Page - Renesas Technology Corp ICS650-14 Datasheet HTML 5Page - Renesas Technology Corp ICS650-14 Datasheet HTML 6Page - Renesas Technology Corp ICS650-14 Datasheet HTML 7Page - Renesas Technology Corp ICS650-14 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS650-14
NETWORKING SYSTEM CLOCK
CLOCK SYNTHESIZER
IDT™ / ICS™ NETWORKING SYSTEM CLOCK
2
ICS650-14
REV H 051310
Pin Assignment
Table 2
Table 1
Table 3
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
Pin Descriptions
SELB1
SELB0
CLKB
00
30
0M
27
01
48
10
83.33
1M
19.44
11
80
13
4
12
5
11
SELB1
8
9
10
VDD
CLKC
CLKA4
OE
CLKA5
CLKA1
17
16
25M
3
X1/ICLK
VDD
CLKA3
18
CLKA2
1
SELB0
X2
SELA0
20
SELC
19
14
2
7
GND
CLKB
SELA1
GND
15
6
20-pin (150 mil) SSOP
SELA1
SELA0
CLKA1:4
CLKA5
0
0
33.33
66.66
0M
50
75
0
1
66.67
133.33
M
0
100
33.33
M
M
33.33
83.33
M
1
50
125
10
33.33
100
1M
25
75
11
66.67
100
SELC
CLKC
0
CLKB/4
M
62.5
1125
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
SELB0
TI
Select pin for CLKB. See table 2.
2
X2
XO
Crystal connection. Connect to a 25 MHz crystal or leave unconnected for clock
input.
3
X1/ICLK
XI
Crystal connection. Connect to a 25 MHz fundamental crystal or clock input.
4
VDD
P
Connect to 3.3 V or 5 V. Must be same as other VDDs.
5
SELB1
I(Pu)
Select pin for CLK B. See table 2.
6
GND
P
Connect to ground.
7
CLKB
O
Selectable clock output. See table 2.
8
CLKC
O
Selectable clock output. See table 3.
9
CLKA5
O
Selectable clock output. See table 1.
10
25M
Ou
25 MHz clock output.
11
OE
I(Pu)
Output enable. Tri-states all outputs when low. Internal pull-up.
12
CLKA1
O
Selectable clock output. See table 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com