Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-36 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS650-36
Description  NETWORKING AND PCI CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-36 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS650-36 Datasheet HTML 1Page - Renesas Technology Corp ICS650-36 Datasheet HTML 2Page - Renesas Technology Corp ICS650-36 Datasheet HTML 3Page - Renesas Technology Corp ICS650-36 Datasheet HTML 4Page - Renesas Technology Corp ICS650-36 Datasheet HTML 5Page - Renesas Technology Corp ICS650-36 Datasheet HTML 6Page - Renesas Technology Corp ICS650-36 Datasheet HTML 7Page - Renesas Technology Corp ICS650-36 Datasheet HTML 8Page - Renesas Technology Corp ICS650-36 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS650-36
NETWORKING AND PCI CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ NETWORKING AND PCI CLOCK SOURCE
5
ICS650-36
REV F 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: Measured with a 15 pF load.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.3
3.465
V
Supply Current
IDD
No load, PDTS=1
25
mA
Power Down Current
IDDPD
No load, PDTS=0
100
µA
Input High Voltage
VIH
PDTS, S2:0
2
V
Input Low Voltage
VIL
PDTS, S2:0
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.3
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Short Circuit Current
IOS
Clock outputs
±65
mA
Input Capacitance, inputs
CIN
5pF
Nominal Output Impedance
ZOUT
20
Ω
Internal Pull-up Resistor
RPU
PDTS, S2:0
500
k
Ω
Internal Pull-down Resistor
RPD
Outputs
250
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
25
MHz
Output Rise Time
tOR
20% to 80%, Note 1
0.8
ns
Output Fall Time
tOF
80% to 20%, Note 1
0.7
ns
Output Clock Duty Cycle
at VDD/2, Note 1
40
60
%
Absolute Clock Period Jitter
Note 1
±125
ps
Clock Jitter, Cycle-to-Cycle
33.333M, 66.666M,
Note 1
150
ps
Clock Jitter, Long Term
25M, n=1000, Note1
900
ps
Frequency Synthesis Error
0
ppm
Output Enable Time
tOE
PDTS high to output
locked to ±1%
350
µs
Output Disable Time
tOD
PDTS low to tri-state
25
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com