Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS671-03 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS671-03
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS671-03 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS671-03 Datasheet HTML 1Page - Renesas Technology Corp ICS671-03 Datasheet HTML 2Page - Renesas Technology Corp ICS671-03 Datasheet HTML 3Page - Renesas Technology Corp ICS671-03 Datasheet HTML 4Page - Renesas Technology Corp ICS671-03 Datasheet HTML 5Page - Renesas Technology Corp ICS671-03 Datasheet HTML 6Page - Renesas Technology Corp ICS671-03 Datasheet HTML 7Page - Renesas Technology Corp ICS671-03 Datasheet HTML 8Page - Renesas Technology Corp ICS671-03 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICS671-03
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
ZDB AND MULTIPLIER
IDT™ 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
5
ICS671-03
REV D 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: With CLKIN = 100 MHz, FBIN to CLKA4, all outputs at 100 MHz.
Note 2: When there is no clock signal present at CLKIN, the ICS671-03 will enter a power down mode. The PLL is
stopped and the outputs are tri-state.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.00
3.60
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output High Voltage,
CMOS level
VOH
IOH = -8 mA
VDD-0.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Operating Supply Current
IDD
No load, S2=1, S1=1,
Note 1
70
mA
Power Down Supply
Current
IDD
CLKIN=0, S2=0, S1=0
1.3
mA
CLKIN=0, Note 2
1.3
mA
Short Circuit Current
IOS
Each output
±50
mA
Input Capacitance
CIN
S2, S1, FBIN
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com