Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B37 Datasheet(PDF) 2 Page - Analog Devices

Part # 3B37
Description  Isolated, Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B37 Datasheet(HTML) 2 Page - Analog Devices

  3B37 Datasheet HTML 1Page - Analog Devices 3B37 Datasheet HTML 2Page - Analog Devices 3B37 Datasheet HTML 3Page - Analog Devices 3B37 Datasheet HTML 4Page - Analog Devices 3B37 Datasheet HTML 5Page - Analog Devices 3B37 Datasheet HTML 6Page - Analog Devices 3B37 Datasheet HTML 7Page - Analog Devices 3B37 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3B37
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 3B37 is a single-channel signal conditioning module that
interfaces, amplifies and filters input voltages from a J, K, T, E, R,
S or B-type thermocouple and provides isolated simultaneous
voltage and current outputs linear with input voltage. High
accuracy internal cold junction compensation and a predictable
upscale open circuit indication provide a complete signal
conditioning solution. To accurately measure low level signals
in electrically noisy environments, +1500 V peak of galvanic
transformer-based isolation with a common mode rejection
(CMR) of 160 dB @ 50/60 Hz and a normal mode rejection
(NMR) of 60 dB @ 50/60 Hz are provided. The current output
withstands 130 V rms without damage and interfaces user
equipment through screw terminals located on the 3B Series
backplane. This plug-in, mix-and-match, hot-swappable module
is easily field calibrated via front-panel zero and span
adjustments for both voltage and current outputs.
Accurate and System Ready – Internal cold-junction
compensation largely corrects errors arising from parasitic
thermocouples formed by thermocouple connection to the
input screw terminals, providing an accuracy of +0.5oC over the
+5oC to +45oC ambient temperature range. The module
generates a predictable upscale signal to indicate an open
thermocouple; for a downscale response, connect a 47MΩ, 0.25
Watt resistor across screw terminals 2 and 4 on the 3B Series
backplane
3B Series Custom Ranging Program – Externally-
programmable version Model 3B37-X-00, enable the user to
configure a special input range by using the optional plug-on
AC1310 ranging card, which houses user-supplied resistors to
determine zero and span. To facilitate selecting resistors, a
Windows program, 3B-Custom, calculates resistor values based
on the user-desired input/output ranges.
Inside the 3B37 Module – A chopper-stabilized low-drift input
amplifier assures stable long-term stability. At the amplifier
input, a zero-scale input voltage is subtracted from the input
signal to set the zero-scale value. For user convenience, the zero
and span optionally can be factory configured to meet custom
needs (Model 3B37-CUSTOM) or can be externally
programmed (Model 3B37-X-00) via user-supplied resistors
inserted in the optional AC1310 plug-on ranging card. Zero
suppression can exceed 100% of the input range. This enables
suppression of a zero-scale input value amny times larger that
the total span for precise expanded-scale measurements of a
selection portion of an input signal. The differential input
circuit on the field side is fully floating, eliminating the need for
any input grounding. Signal isolation by transformer coupling
users a proprietary modulation technique for linear, stable and
reliable performance. A demodulator on the computer side of
the signal transformer recovers the original signa, which is then
filtered and buffered to provide a low-noise, low-impedance
output voltage, this output also drives a voltage-to-current (V/I)
converter to provide a simultaneous current output for
interfacing versatility.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com