Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXTP5840CFDB-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DXTP5840CFDB-7
Description  40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP5840CFDB-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DXTP5840CFDB-7 Datasheet HTML 1Page - Diodes Incorporated DXTP5840CFDB-7 Datasheet HTML 2Page - Diodes Incorporated DXTP5840CFDB-7 Datasheet HTML 3Page - Diodes Incorporated DXTP5840CFDB-7 Datasheet HTML 4Page - Diodes Incorporated DXTP5840CFDB-7 Datasheet HTML 5Page - Diodes Incorporated DXTP5840CFDB-7 Datasheet HTML 6Page - Diodes Incorporated DXTP5840CFDB-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DXTP5840CFDB
Document Number DS39773 Rev. 3 - 2
5 of 7
www.diodes.com
October 2019
© Diodes Incorporated
DXTP5840CFDB
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
100µ
1m
10m
100m
1
10
1m
10m
100m
1
100µ
1m
10m
100m
1
10
0.001
0.01
0.1
1
100µ
1m
10m
100m
1
10
100
200
300
400
500
600
0
700
100µ
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
1.2
100µ
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5
0
2
4
6
8
I
C
/I
B
=100
V
CE(sat)
v I
C
TA=25°C
I
C
/I
B
=50
I
C
/I
B
=10
-I
C
Collector Current (A)
100°C
V
BE(sat)
v I
C
I
C
/I
B
=20
25°C
-55°C
-I
C
Collector Current (A)
100°C
h
FE
v I
C
V
CE
=-2V
-55°C
25°C
-I
C
Collector Current (A)
25°C
V
CE(sat)
v I
C
I
C
/I
B
=20
100°C
-55°C
-I
C
Collector Current (A)
I
C
v V
CE
V
BE(on)
v I
C
V
CE
=-2V
100°C
25°C
-55°C
-I
C
Collector Current (A)
Ib=-10mA
Ib=-20mA
Ib=-30mA
TA=25°C
Ib=-40mA
-V
CE
Collector Voltage (V)
IB = -10mA
IB = -20mA
IB = -30mA
IB = -40mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com