Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2129 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2129
Description  LVD SCSI 27-Line Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2129 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2129 Datasheet HTML 1Page - Dallas Semiconductor DS2129 Datasheet HTML 2Page - Dallas Semiconductor DS2129 Datasheet HTML 3Page - Dallas Semiconductor DS2129 Datasheet HTML 4Page - Dallas Semiconductor DS2129 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
The DS2129 is a triple-output voltage regulator for
27-line, low-voltage-differential (LVD) SCSI termination
for SPI-2 and SPI-3 applications using LVD termination
networks. The device provides reference voltages and
bias currents for LVD-termination resistor pi (
π) net-
works. With a pi network (475
Ω, 121Ω, 475Ω), the
DS2129 meets the common-mode bias, differential
bias, and termination-impedance requirements of SPI-2
(Ultra2) and SPI-3 (Ultra3). The device also provides a
1.3V output for DIFFSENSE signaling, and includes pro-
tection features such as thermal shutdown and active
current limiting.
Applications
SCSI Array Backplane
SCSI Cables
Features
♦ Fully Compliant with SPI-2 and SPI-3
♦ 2.7V to 5.25V Operation
♦ Differential Fail-Safe Bias
LVD SCSI 27-Line Regulator
______________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N.C.
N.C.
N.C.
HS_GND
HS_GND
HS_GND
HS_GND
N.C.
N.C.
TOP VIEW
SO (150 mils)
TERMPWR
REG2
REG1
GND
HS_GND
DIFFSENSE
N.C.
DS2129
Pin Configuration
Ordering Information
Block Diagram
Rev 1; 2/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART*
VOLTAGE (V)
PIN-
PACKAGE
TOP
MARK**
DS2129S
5
16 SO
DS2129
DS2129S+
5
16 SO
DS2129
DS2129S/T&R
5
16 SO
DS2129
DS2129S+T&R
5
16 SO
DS2129
BANDGAP
(1.25V)
THERMAL
SHUTDOWN
REF125
PTAT
REF175
TS
1.75V
REG2
REG1
DIFFSENSE
1.3V
REF075
0.75V
REF130
REFERENCES
TS
TS
TS
TERMPWR
GND
DS2129
+Denotes lead-free package.
*All devices rated for the commercial (0°C to +70°C) tempera-
ture range.
**A “+” anywhere on the topmark denotes a lead-free package.


Similar Part No. - DS2129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
DS2129S MAXIM-DS2129S Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
DS2129S+ MAXIM-DS2129S+ Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
DS2129S+T&R MAXIM-DS2129S+T&R Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
DS2129S/T&R MAXIM-DS2129S/T&R Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
More results

Similar Description - DS2129

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC560 TI-UC560 Datasheet
113Kb / 5P
27-Line SCSI Source/Sink Regulator
UCC561 TI-UCC561 Datasheet
192Kb / 8P
Low Voltage Differential SCSI LVD 27 Line Regulator Set
logo
Microsemi Corporation
LX5245 MICROSEMI-LX5245 Datasheet
177Kb / 7P
9 - LINE LVD SCSI TERMINATO
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
logo
Global Mixed-mode Techn...
G261 GMT-G261 Datasheet
227Kb / 5P
Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
LX5261 MICROSEMI-LX5261 Datasheet
148Kb / 6P
27-Line LVD SCSI Source/Sink Regulator
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
9-Line LVD SCSI Terminator
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com