Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDT3A40SAFS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SDT3A40SAFS
Description  3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA-FS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDT3A40SAFS Datasheet(HTML) 3 Page - Diodes Incorporated

  SDT3A40SAFS Datasheet HTML 1Page - Diodes Incorporated SDT3A40SAFS Datasheet HTML 2Page - Diodes Incorporated SDT3A40SAFS Datasheet HTML 3Page - Diodes Incorporated SDT3A40SAFS Datasheet HTML 4Page - Diodes Incorporated SDT3A40SAFS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SDT3A40SAFS
Document number: DS40833 Rev. 3 - 2
3 of 5
www.diodes.com
March 2021
© Diodes Incorporated
SDT3A40SAFS
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
7
I
F(AV), AVERAGE FORWARD CURRENT (A)
Figure 1. Forward Power Dissipation
Note 6
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
F, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2. Typical Forward Characteristics
-55
℃
25
℃
150
℃
125
℃
85
℃
100
℃
0.01
0.1
1
10
100
5
15
25
35
45
V
R, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Characteristics
25
℃
85
℃
100
℃
125
℃
0
0.5
1
1.5
2
2.5
3
3.5
25
50
75
100
125
150
T
C, CASE TEMPERATURE (℃)
Figure 4. Forward Current Derating Curve
Note 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com