Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR53 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFR53
Description  NPN 2 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR53 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFR53 Datasheet HTML 1Page - NXP Semiconductors BFR53 Datasheet HTML 2Page - NXP Semiconductors BFR53 Datasheet HTML 3Page - NXP Semiconductors BFR53 Datasheet HTML 4Page - NXP Semiconductors BFR53 Datasheet HTML 5Page - NXP Semiconductors BFR53 Datasheet HTML 6Page - NXP Semiconductors BFR53 Datasheet HTML 7Page - NXP Semiconductors BFR53 Datasheet HTML 8Page - NXP Semiconductors BFR53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Oct 28
2
Philips Semiconductors
Product specification
NPN 2 GHz wideband transistor
BFR53
FEATURES
• Very low intermodulation distortion
• Very high power gain.
APPLICATIONS
• Thick and thin-film circuits.
DESCRIPTION
NPN wideband transistor in a plastic
SOT23 package.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT23.
fpage
MSB003
Top view
12
3
Marking code: N1.
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
18
V
VCEO
collector-emitter voltage
open base
−
10
V
ICM
peak collector current
f
> 1 MHz
−
100
mA
Ptot
total power dissipation
Ts ≤ 85 °C
−
250
mW
Cre
feedback capacitance
IC = 2 mA; VCE = 5 V; f = 1 MHz;
Tamb =25 °C
0.9
−
pF
fT
transition frequency
IC = 25 mA; VCE = 5 V; f = 500 MHz;
Tj =25 °C
2
−
GHz
GUM
maximum unilateral power gain IC = 30 mA; VCE = 5 V; f = 800 MHz;
Tamb =25 °C
10.5
−
dB
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
18
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
50
mA
ICM
peak collector current
f
> 1 MHz
−
100
mA
Ptot
total power dissipation
Ts ≤ 85 °C (note 1)
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com