Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC02 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74ALVC02
Description  Quad 2-input NOR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC02 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74ALVC02 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
74ALVC02
Quad 2-input NOR gate
aaa-027355
74ALVC02
GND(1)
Transparent top view
2B
3B
2A
3Y
2Y
4A
1B
4B
1A
4Y
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered,
the solder land should remain floating or connected to GND
Fig. 6. Pin configuration SOT762-1 (DHVQFN14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1Y, 2Y, 3Y, 4Y
1, 4, 10, 13
data output
1A, 2A, 3A, 4A
2, 5, 8, 11
data input
1B, 2B, 3B, 4B
3, 6, 9,12
data input
GND
7
ground (0 V)
VCC
14
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level.
Input
Output
nA
nB
nY
L
L
H
L
H
L
H
L
L
H
H
L
74ALVC02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 27 July 2021
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com