Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF62J12P2APQF Datasheet(PDF) 2 Page - ITT Industries

Part # DF62J12P2APQF
Description  Power Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DF62J12P2APQF Datasheet(HTML) 2 Page - ITT Industries

  DF62J12P2APQF Datasheet HTML 1Page - ITT Industries DF62J12P2APQF Datasheet HTML 2Page - ITT Industries DF62J12P2APQF Datasheet HTML 3Page - ITT Industries DF62J12P2APQF Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K DF Series
Power Rocker Switches
SWITCH FUNCTION
ACTUATOR
SPST
DPST
1-1A
1-1A, 2-2A
OPEN
OPEN
ON
ON
OFF
OFF
DF52
DF62
SP
DP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
1A
1
1A
1
2A
2
NOTE: Actuator finish: matte. Other colors
available, consult Customer Service Center.
2
BLACK
1
WHITE
ACTUATOR
COLOR
OPTION
CODE
J1
ROCKER
ACTUATOR COLOR
ACTUATOR
H-80
All models
with all options. Some models available with
, see page H–84.
1 / 2-1A
1 / 2-2A
1 / 2-2A
OPEN
OFFONON
DF72
SP
SCHEMATIC
POS. 1
POS. 2POS. 3
POS. 1POS. 2POS. 3
MODEL
NO.
NO.
POLES
DPST
Part number shown: DF62J12S215QA
1
1a
2
2a
1
1a
2
2a
1
1a
2
2a
POS. 1
POS. 2
POS. 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com