Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPD1S2Y4 Datasheet(PDF) 2 Page - ITT Industries

Part # KPD1S2Y4
Description  Piezo Pulse Momentary Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPD1S2Y4 Datasheet(HTML) 2 Page - ITT Industries

  KPD1S2Y4 Datasheet HTML 1Page - ITT Industries KPD1S2Y4 Datasheet HTML 2Page - ITT Industries KPD1S2Y4 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A–87
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K KP Series
Piezo Pulse Momentary Pushbutton Switches
MODELS
TERMINATIONS
AMP 2-520184-2 (.250 female)
or equivalent.
NOTE: Standard wire leads are 22 AWG. Red positive lead, violet negative lead.
Other colors, lengths and gauge available, consult Customer Service Center.
W6P 6" WIRE LEAD, .20 SKIP
W6 6" WIRE LEAD, .20 STRIP
Y4P 4" WIRE LEAD WITH .250" FEMALE
INSULATED QUICK CONNECTOR
Y4 4" WIRE LEAD WITH .250" FEMALE
INSULATED QUICK CONNECTOR
W4P 4" WIRE LEAD, .20 SKIP
W4 4" WIRE LEAD, .20 STRIP
S (Small Plastic)
M (Small Aluminum)
Metal housing of `M' Small Aluminum Model
should be grounded.
SPST N.O. MOMENTARY
(See schematic page A-84.)
NATURAL
DC
KPD1M0
HOUSING
COLOR
CIRCUIT
TYPE
MODEL
NO.
SPST N.O. MOMENTARY
(See schematic page A-84.)
WHITE
BLACK
DC
DC
KPD1S1
KPD1S2
HOUSING
COLOR
CIRCUIT
TYPE
MODEL
NO.
KPD1M0W4
SPST
KPD1S2W4
SPST
A
W4P, W6P or Y4P options are RoHS compliant and compatible.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com