Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N6 Datasheet(PDF) 2 Page - IXYS Corporation

Part # 7N6
Description  HiPerFAST IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

7N6 Datasheet(HTML) 2 Page - IXYS Corporation

  7N6 Datasheet HTML 1Page - IXYS Corporation 7N6 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXGA 7N60B
IXGP 7N60B
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
3
7
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
50
pF
C
res
17
pF
Q
g
25
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
5nC
Q
gc
10
nC
t
d(on)
9ns
t
ri
10
ns
E
on
0.07
mJ
t
d(off)
100
200
ns
t
fi
150
250
ns
E
off
0.3
0.6
mJ
t
d(on)
10
ns
t
ri
15
ns
E
on
0.15
mJ
t
d(off)
200
ns
t
fi
250
ns
E
off
0.6
mJ
R
thJC
2.3 K/W
R
thCK
(TO-220)
0.25
K/W
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 300 µH,
V
CE = 0.8 VCES, RG = Roff = 22 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8
V
CES,
higher T
J or increased RG
Inductive load, T
J = 125°C
I
C = IC90, VGE = 15 V, L = 300 µH
V
CE = 0.8 VCES, RG = Roff = 22 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8
V
CES,
higher T
J or increased RG
TO-220 AB Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70
13.97
0.500
0.550
B
14.73
16.00
0.580
0.630
C
9.91
10.66
0.390
0.420
D
3.54
4.08
0.139
0.161
E
5.85
6.85
0.230
0.270
F2.54
3.18
0.100
0.125
G
1.15
1.65
0.045
0.065
H
2.79
5.84
0.110
0.230
J
0.64
1.01
0.025
0.040
K
2.54
BSC
0.100
BSC
M
4.32
4.82
0.170
0.190
N
1.14
1.39
0.045
0.055
Q
0.35
0.56
0.014
0.022
R
2.29
2.79
0.090
0.110
1. Gate
2. Collector
3. Emitter
4. Collector
BottomSide
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
TO-263 AA Outline
Pins:
1 - Gate
2 - Collector
3 - Emitter
4 - Collector
Bottom Side
Min. Recommended Footprint
(Dimensions in inches and mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com