Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7B41 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B41
Description  Isolated, Voltage or Current Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B41 Datasheet(HTML) 2 Page - Analog Devices

  7B41 Datasheet HTML 1Page - Analog Devices 7B41 Datasheet HTML 2Page - Analog Devices 7B41 Datasheet HTML 3Page - Analog Devices 7B41 Datasheet HTML 4Page - Analog Devices 7B41 Datasheet HTML 5Page - Analog Devices 7B41 Datasheet HTML 6Page - Analog Devices 7B41 Datasheet HTML 7Page - Analog Devices 7B41 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B41
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B41 is a single-channel signal conditioning module that
interfaces, amplifies and filters unipolar and bipolar voltage
inputs and provides a protected precision output of either +1 V
to +5 V or 0 V to +10 V. Model 7B41 features a nonlinearity of
+0.02% maximum and an accuracy of +0.1% maximum
(+0.01% typical). To accurately measure low level signals in
electrically noisy environments, 1500 V rms of galvanic
transformer-based isolation with a common mode rejection
(CMR) of 110 dB @ 50/60 Hz and a normal mode rejection
(NMR) of 100 dB @ 50/60 are provided. Rated to operate with
nominal +24 VDC supply, Model 7B41 is mix-and-match and
hot-swappable with other 7B Series input modules, so it an be
inserted or removed from any socket in the same backplane
without disturbing system power.
The floating differential input of Model 7B41 is fully protected
up to 240 V rms line voltage. A one-pole 10 KHz filter
preconditions the input signal prior to amplification by a low
drift input amplifier. Amplitude modulation is used to
implement transformer isolation (1500 V rms input-to-output
and power). Isolated front-end circuitry power is supplied by a
DC/DC converter. The output section contains a four pole low
pass filter (-3 dB @ 10KHz), a buffer amplifier and a power
oscillator. The two-pole output filter and subsequent buffer
ensures that a low noise, low impedance (<1Ω) signal is
available at the output to drive loads of 2 kΩ minimum.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com