Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F365DMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F365DMX
Description  Hex Buffer/Driver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F365DMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F365DMX Datasheet HTML 1Page - National Semiconductor (TI) 74F365DMX Datasheet HTML 2Page - National Semiconductor (TI) 74F365DMX Datasheet HTML 3Page - National Semiconductor (TI) 74F365DMX Datasheet HTML 4Page - National Semiconductor (TI) 74F365DMX Datasheet HTML 5Page - National Semiconductor (TI) 74F365DMX Datasheet HTML 6Page - National Semiconductor (TI) 74F365DMX Datasheet HTML 7Page - National Semiconductor (TI) 74F365DMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9522
January 1995
54F74F365
Hex BufferDriver with TRI-STATE
Outputs
General Description
The ’F365 is a hex buffer and line driver designed to be
employed as a memory and address driver clock driver and
bus-oriented transmitterreceiver
Features
Y
TRI-STATE buffer outputs
Y
Outputs sink 64 mA
Y
Bus-oriented
Commercial
Military
Package
Package Description
Number
74F365PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F365DM (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F365SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
54F365FM (Note 2)
W16A
16-Lead Cerpack
54F365LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbol
Connection Diagrams
IEEEIEC
TLF9522 – 4
Pin Assignment
for DIP SOIC and Flatpak
TLF9522 – 1
Pin Assignment
for LCC
TLF9522 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74F365DMX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F365 PHILIPS-74F365 Datasheet
94Kb / 10P
Buffers/drivers
1999 Jan 08
logo
Fairchild Semiconductor
74F365 FAIRCHILD-74F365 Datasheet
40Kb / 4P
Hex Buffer/Driver with 3-STATE Outputs
74F365PC FAIRCHILD-74F365PC Datasheet
40Kb / 4P
Hex Buffer/Driver with 3-STATE Outputs
74F365SC FAIRCHILD-74F365SC Datasheet
40Kb / 4P
Hex Buffer/Driver with 3-STATE Outputs
More results

Similar Description - 74F365DMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT241 NSC-54ABT241 Datasheet
119Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F365 FAIRCHILD-74F365 Datasheet
40Kb / 4P
Hex Buffer/Driver with 3-STATE Outputs
logo
National Semiconductor ...
74VHC541 NSC-74VHC541 Datasheet
146Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
MV54ACTQ541-X NSC-MV54ACTQ541-X Datasheet
25Kb / 7P
Octal Buffer/Line Driver with TRI-STATE Outputs
MM54HC365 NSC-MM54HC365 Datasheet
141Kb / 8P
Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com