Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2011 Datasheet(PDF) 2 Page - G.M. International

Part # D2011
Description  Intrinsically Safe Analog-Temperature Multiplexer Expander DIN-Rail Model D2011M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D2011 Datasheet(HTML) 2 Page - G.M. International

  D2011 Datasheet HTML 1Page - G.M. International D2011 Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Group
Cenelec
Parameters Table:
Safety Description
Maximum External Parameters
Function Diagram:
Lo/Ro
(µH/Ω)
Lo/La
(mH)
Co/Ca
(µF)
Image:
NOTE for USA and Canada:
IIC equal to Gas Groups A, B, C, D, E, F and G
IIB equal to Gas Groups C, D, E, F and G
IIA equal to Gas Groups D, E, F and G
Terminals 1-2-3-4
G.M. International DTS0121-4 Page 2/2
Uo/Voc = 10.7 V
Io/Isc = 7 mA
Po/Po = 19 mW
IIC
IIB
IIA
2.23
15.60
69.00
725
2902
5804
1888
7552
15105
Analog-Temperature
Multiplexer
Expander
D2011M
Expansion
Flat Cable
Connector
20 poles
+
-
TC
4 wire RTD
3 wire RTD
4 wire RTD
3 wire RTD
+
-
mV
+
-
mA
Shunt
+
-
V
Voltage
Divider
CJC on channel 16
Expansion
Flat Cable
Connector
20 poles
for channels 1 to 16
INPUT FROM HAZARDOUS AREA ZONE 0 GROUP IIC,
HAZARDOUS LOCATIONS CLASS I, DIVISION 1, GROUPS A, B, C, D,
CLASS II, DIVISION 1, GROUPS E, F, G, CLASS III, DIVISION 1,
CLASS I, ZONE 0, GROUP IIC
INSTALLATION IN HAZARDOUS AREA, ZONE 1 GROUP IIC T4,
HAZARDOUS LOCATIONS, CLASS I, DIVISION 1, GROUPS A, B, C, D T4,
CLASS I, ZONE 1, GROUP IIC T4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com