Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB203LCD Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # MB203LCD
Description  16 x 2 LCD Character Display Module for the MB203 module board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

MB203LCD Datasheet(HTML) 1 Page - Advanced Linear Devices

  MB203LCD Datasheet HTML 1Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MB203LCD
16 x 2 LCD Character Display Module
for the MB203 module board
The MB203LCD is a 16 x 2 Character LCD Display Module compatible with MB203 module board,
a precision +/- 5½-digit Digital Voltmeter (DVM) printed circuit board that contains the
ALD500R/ALD523D A/D Converter – Display Module Controller chipset. The MB203LCD has built-in
Character ROM, display driver and column driver, a 6-inch cable and a 14-pin connector that plugs into
the side of the MB203 board. It draws its power directly from theMB203 module board so that a separate
power supply source is not required.
The MB203LCD, together with the MB203 and a standard +5 V DC power supply source, makes a
complete high resolution, high precision Digital Panel Meter. For a complete list of characters available,
please see publication DVM523, ALD523D Setup and Calibration Software User Guide, page 15.
Key Features
• 16 Characters with 2 lines display
• Over 200 character fonts available
• High Display resolution: 5 x 8 dots per character
• Display with driver mounted on a single printed circuit board
• Standard CMOS Logic compatible
• 6 inch cable with 14-pin connector that plugs directly into the MB203 Module Board
• Displays Multiple Display Sets with the MB203 Module Board
• Easy to program with the MB203 Module Board software and a standard PC
Key Specifications
• Power Supply: +4.5 V to +5.5V max @ 5mA max.
• High-Level Input Voltage= 2.2 V to Vcc
• Low-Level Input Voltage: 0.0 V to 0.6 V
• Operating Temperature Range: 0 to 50 degrees C.
• Font size: 4.35 mm x 2.95 mm
• Overall dimension: 80.0 mm (width) x 36.0 mm (height) x 11.0 mm (depth)
MB203LCD
©
©
©
© 2002 Advanced Linear Devices, Inc., 415 Tasman Drive, Sunnyvale, California 94089-1706, Tel: (408) 747-1155,
Fax: (408) 747-1286
http://www.aldinc.com
1 of 1


Similar Part No. - MB203LCD

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
MB203A20V ALD-MB203A20V Datasheet
76Kb / 3P
Single Board Precision DVM with direct Character Display Module Driver
MB203A2V ALD-MB203A2V Datasheet
76Kb / 3P
Single Board Precision DVM with direct Character Display Module Driver
More results

Similar Description - MB203LCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH4002 ETC-WH4002 Datasheet
303Kb / 1P
LCD MODULE CHARACTER 40 X 2
LCC-16J2 ETC2-LCC-16J2 Datasheet
88Kb / 1P
LCD Character Module 16 x 2
LCC-40K2 ETC2-LCC-40K2 Datasheet
106Kb / 1P
LCD Character Module 40 x 2
logo
LUMEX INC.
LCM-S00802DSR-A LUMEX-LCM-S00802DSR-A Datasheet
58Kb / 1P
8 X 2 CHARACTER LCD MODULE
LCM-S01602DSF-M LUMEX-LCM-S01602DSF-M Datasheet
120Kb / 1P
16 X 2 CHARACTER LCD MODULE
LCM-S01602DSN-A-W LUMEX-LCM-S01602DSN-A-W Datasheet
133Kb / 2P
16 X 2 CHARACTER LCD MODULE
LCM-S01602DSR-M LUMEX-LCM-S01602DSR-M Datasheet
127Kb / 2P
16 X 2 CHARACTER LCD MODULE
LCM-S01602DTF-M LUMEX-LCM-S01602DTF-M Datasheet
134Kb / 2P
16 X 2 Character LCD MODULE
LCM-S01602DTF-M-1 LUMEX-LCM-S01602DTF-M-1 Datasheet
112Kb / 2P
16 X 2 2 CHARACTER LCD MODULE
LCM-S02002DSN-W LUMEX-LCM-S02002DSN-W Datasheet
136Kb / 2P
20 X 2 CHARACTER LCD MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com