Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8214ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8214ARMZ
Description  High Voltage Threshold Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8214ARMZ Datasheet HTML 6Page - Analog Devices AD8214ARMZ Datasheet HTML 7Page - Analog Devices AD8214ARMZ Datasheet HTML 8Page - Analog Devices AD8214ARMZ Datasheet HTML 9Page - Analog Devices AD8214ARMZ Datasheet HTML 10Page - Analog Devices AD8214ARMZ Datasheet HTML 11Page - Analog Devices AD8214ARMZ Datasheet HTML 12Page - Analog Devices AD8214ARMZ Datasheet HTML 13Page - Analog Devices AD8214ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8214
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
The AD8214 is a high voltage comparator offering an input-to-
output response time of less than 100 ns. This device is ideal for
detecting overcurrent conditions on the high side of the control
loop. The AD8214 is designed specifically to facilitate and allow
for fast shutdown of the control loop, preventing damage due to
excessive currents to the FET, load, or shunt resistor.
The AD8214 operates with a supply of 5 V to 65 V. It combines
a fast comparator, optimized for high side operation, with a
2.4 V series voltage regulator. The regulator provides a stable
voltage that is negative with respect to the positive supply rail,
and it is intended to provide power to the internal electronics,
set a comparison threshold below the supply rail, and power
small application circuits used with the comparator.
The differential input of the comparator may be operated at, or
slightly above or below, the positive supply rail. Typically, one of
the comparator inputs is driven negative with respect to the
positive supply by a small series resistor carrying the main
supply current to the load. The other input of the comparator
connects to a voltage divider across the regulator, so the
comparator trips as the voltage across the series resistor crosses
the user-selected threshold.
The AD8214 features a current output. The current is low (100 nA
typical), until the user selected threshold is crossed. After this point
the output switches to high (1 mA typical). The current output
driver complies with load voltage from 0 V to (VS – 2.4 V). The
current easily drives a ground referenced resistor to develop logic
levels determined by the value of the load resistor.
The comparator input is balanced to switch as the inverting
input (–IN) is driven negative with respect to the noninverting
input (+IN). As the comparator output switches from 0 mA to
1 mA, a small hysteresis (10 mV) is activated to minimize the
effects of noise in the system that may be triggered by the
comparator signal. This means that to restore the output to zero,
the input polarity must be reversed by 10 mV beyond the
original threshold.
1
3
2
BATTERY
SHUNT
TO LOAD
+
_
CONSTANT
THRESHOLD
VOLTAGE DROP
ACROSS SHUNT
CORRESPONDING
TO CURRENT LEVEL
+
_
R1
R2
2.4V
REGULATOR
1
3
6
5
8
2
CONSTANT
2.4V
UP TO 65V
I
Figure 28. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com