Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3191 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3191
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191 Datasheet(HTML) 3 Page - Analog Devices

  ADP3191 Datasheet HTML 1Page - Analog Devices ADP3191 Datasheet HTML 2Page - Analog Devices ADP3191 Datasheet HTML 3Page - Analog Devices ADP3191 Datasheet HTML 4Page - Analog Devices ADP3191 Datasheet HTML 5Page - Analog Devices ADP3191 Datasheet HTML 6Page - Analog Devices ADP3191 Datasheet HTML 7Page - Analog Devices ADP3191 Datasheet HTML 8Page - Analog Devices ADP3191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADP3191
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VCC = 5 V, FBRTN = GND, TA = 0°C to +85°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Output Voltage Range
VCOMP
0
VCC
V
Accuracy
VFB
Relative to nominal DAC output, referenced
to FBRTN, CSSUM = CSCOMP
−14.5
+14.5
mV
Line Regulation
ΔV
FB
VCC = 4.75 V to 5.25 V
0.05
%
Input Bias Current
IFB
14
15.5
17
μA
FBRTN Current
IFBRTN
100
140
μA
Output Current
IO(ERR)
FB forced to VOUT – 3%
500
μA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
CCOMP = 10 pF
25
V/μs
VID INPUTS
Input Low Voltage
VIL(VID)
0.4
V
Input High Voltage
VIH(VID)
0.8
V
Input Current, Input Voltage Low
IIL(VID)
VID(X) = 0 V
–25
–35
μA
Input Current, Input Voltage High
IIH(VID)
VID(X) = 1.25 V
5
15
μA
Pull-Up Resistance
RVID
35
60
85
kΩ
Internal Pull-Up Voltage
1.0
1.2
V
VID Transition Delay Time 2
VID code change to FB change
400
ns
No CPU Detection Turn-Off Delay Time2
VID code change to 11111 to PWM going low
400
ns
OSCILLATOR
Frequency Range2
fOSC
0.25
2
MHz
Frequency Variation
fPHASE
TA = +25°C, RT = 225 kΩ, 4-phase
155
200
245
kHz
TA = +25°C, RT = 100 kΩ, 4-phase
400
kHz
TA = +25°C, RT = 30 kΩ, 4-phase
600
kHz
Output Voltage
VRT
RT = 100 kΩ to GND
1.8
2.0
2.3
V
RAMPADJ Output Voltage
VRAMPADJ
RAMPADJ − FB
–50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
0
100
μA
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM – CSREF
–3
+3
mV
Input Bias Current
IBIAS(CSSUM)
–50
+50
nA
Gain Bandwidth Product
GBW(CSA)
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/μs
Input Common-Mode Range
CSSUM and CSREF
0
3
V
Positioning Accuracy
ΔV
FB
See Figure 5
–77
–80
–83
mV
Output Voltage Range
0.05
VCC
V
Output Current
ICSCOMP
500
μA
CURRENT BALANCE CIRCUIT
Common-Mode Range
VSW(X)CM
–600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0 V
12
20
28
kΩ
Input Current
ISW(X)
SW(X) = 0 V
5
11
17
μA
Input Current Matching3
ΔI
SW(X)
SW(X) = 0 V
–5
+5
%
CURRENT LIMIT COMPARATOR
Output Voltage
Normal Mode
VILIMIT(NM)
EN > 0.8 V, RILIMIT = 250 kΩ
2.8
3
3.3
V
In Shutdown
VILIMIT(SD)
EN < 0.4 V, IILIMIT = −100 μA
400
mV
Output Current, Normal Mode
IILIMIT(NM)
EN > 0.8 V, RILIMIT = 250 kΩ
12
μA
Maximum Output Current2
60
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com