Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C901AJCT Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C901AJCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AJCT Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C901AJCT Datasheet HTML 29Page - Advanced Micro Devices AM79C901AJCT Datasheet HTML 30Page - Advanced Micro Devices AM79C901AJCT Datasheet HTML 31Page - Advanced Micro Devices AM79C901AJCT Datasheet HTML 32Page - Advanced Micro Devices AM79C901AJCT Datasheet HTML 33Page - Advanced Micro Devices AM79C901AJCT Datasheet HTML 34Page - Advanced Micro Devices AM79C901AJCT Datasheet HTML 35Page - Advanced Micro Devices AM79C901AJCT Datasheet HTML 36Page - Advanced Micro Devices AM79C901AJCT Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
Am79C901A
33
PR ELI M IN AR Y
Figure 17.
AID Symbol Transmit Timing
Figure 18.
AID Symbol Receive Timing
The SYNC interval is followed by six AID symbols
(symbols 1 through 6). Transmit timing is shown in Fig-
ure 17; receive timing in Figure 18. Data is encoded in
the relative position of each pulse with respect to the
previous one. A pulse may occur at one, and only one,
of the four possible positions within an AID symbol
yielding two bits of data coded per AID symbol.
The decoded bits from the AID symbols 1 to 4 produce
eight bits of Access ID which is used to identify individ-
ual HomePNA stations and to detect collisions. The
MSB is encoded in AID Symbol 1 and is the leftmost bit
in Table 7.
Table 7.
Access ID Symbol Pulse Positions and
Encoding
AID Symbol 0
AID Symbol 1
AID Symbol 2
pulse 2
shown in position 1
pulse 0
pulse 1
TIC=129
and
TIC=0
TIC=129
and
TIC=0
SYNC_START
TIC=0
SYNC_END
TIC=126
AID_Position_0
TIC=66
AID_Position_1
TIC=86
AID_Position_2
TIC=106
AID_Position_3
TIC=126
Transmitter
22304B-19
AID Symbol 0
AID Symbol 1
AID Symbol 2
pulse 2
shown in position 1
pulse 0
pulse 1
TIC=129
and
TIC=0
TIC=129
and
TIC=0
SYNC_START
TIC=0
SYNC_END
TIC=126
AID_Position_0
TIC=66
AID_Position_1
TIC=86
AID_Position_2
TIC=106
AID_Position_3
TIC=126
Receiver
D slice threshold
END_RCV_BLANK
AID_GUARD_INTERVAL
Detected envelope
22304B-20
Pulse
Position
TICs from Beginning of AID
Symbol
Bit Encoding
166
00
286
01
3106
10
4126
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com