Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C901AVCT Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 16Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 17Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 18Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 19Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 20Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 21Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 22Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 23Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
20
Am79C901A
PR ELI M IN AR Y
RXD[3:0]
Receive Data
Output
RXD[3:0] is the nibble-wide receive data bus. Data
on R X D[ 3: 0 ] is dr iven on t he fa lling edge of
RX_CLK. RXD[3:0] should be ignored while RX_DV
is deasserted.
RX_DV
Receive Data Valid
Output
RX_DV is an output used to indicate that valid received
data is being presented on the RXD[3:0] pins and
RX_CLK is synchronous to the receive data. RX_DV
will be asserted prior to the RX_CLK rising edge, when
the first nibble of the Start of Frame Delimiter (SFD) is
driven on RXD[3:0], and will remain asserted until after
the rising edge of RX_CLK, when the last nibble of the
CRC is driven on RXD[3:0]. RX_DV will be deasserted
prior to the RX_CLK rising edge which follows this final
nibble. RX_DV transitions are driven on the falling edge
of RX_CLK.
CRS
Carrier Sense
Output
The CRS pin is active during receive or transmit activity
for the HomePNA PHY or during receive (based on
TBR17, bit 2) for the 10BASE-T PHY.
COL
Collision
Output
This signal is asserted whenever a collision is detected
on the transmit and receive path of the selected port.
This signal will also be asserted for ~1
µs within 40 µs
after the negation of the TXEN signal in support of the
SQE test. The SQE functionality may be controlled via
TBR17, bit 11, and HPR16, bit 12.
RX_ER
Receive Error
Output
RX_ER is an output for the 10BASE-T PHY that indi-
cates that the transceiver device has detected a coding
error in the receive data frame currently being trans-
ferred on the RXD[3:0] pins. RX_ER is ignored while
RX_DV is deasserted. Special code groups generated
on RXD while RX_DV is deasserted are ignored (e.g.,
bad SSD in TX and idle in T4). RX_ER transitions are
synchronous to RX_CLK.
TX_CLK
Transmit Clock
Output
TX_CLK is a clock output that provides the timing ref-
erence for the transfer of the TXD[3:0] and TX_ER sig-
nals from the Am79C901A device. TX_CLK provides a
nibble rate clock.
TXD[3:0]
Transmit Data
Input
TXD[3:0] is the nibble-wide data bus. Valid data is gen-
erated on TXD[3:0] on every rising edge of TX_CLK
while TX_EN is asserted. While TX_EN is deasserted,
TXD[3:0] values are ignored. TXD[3:0] transitions are
latched on the falling edge of TX_CLK.
TX_EN
Transmit Enable
Input
TX_EN indicates that the MAC device is presenting
valid transmit data on the TXD[3:0] bus. TX_EN must
be asserted with the first nibble of preamble and re-
mains asserted throughout the duration of the packet
until it is deasserted prior to the first TX_CLK following
the final nibble of the frame. TX_EN transitions are
latched on the falling edge of TX_CLK.
MDC
Management Data Clock
Input
MDC is the non-continuous clock input that provides a
timing reference for bits on the MDIO pin. During MII
management port operations, MDC runs at a nominal
frequency of 2.5 MHz.
MDIO
Management Data Input/Output
Input/Output
MDIO is a bidirectional MII management port data pin.
MDIO is an input during the header portion of the man-
agement frame transfers and during the data portion of
write operations. MDIO is an output during the data
portion of read operations.
The MDIO pin should be externally pulled up to VDD
with a 1.5 k
Ω ±5% resistor.
IEEE 1149.1 (JTAG) Test Access Port
Interface
TCK
Test Clock
Input
TCK is the clock input for the boundary scan test
mode operation. It can operate at a frequency of up to
10 MHz. TCK has an internal pull-up resistor.
TDI
Test Data In
Input
TDI is the test data input path to the Am79C901A PHY.
The pin has an internal pull-up resistor.
TDO
Test Data Out
Output
TDO is the test data output path from the Am79C901A
PHY. The pin is tri-stated when the JTAG port is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com