Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C901AVIT Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM79C901AVIT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVIT Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM79C901AVIT Datasheet HTML 46Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 47Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 48Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 49Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 50Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 51Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 52Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 53Page - Advanced Micro Devices AM79C901AVIT Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
50
Am79C901A
PR ELI M IN AR Y
HPR16: HomePNA PHY Control Register (Register 16)
Table 26.
HPR16: HomePNA PHY Control Register (Register 16)
Note: Writes to bits 1 and 2 will affect speed and power on node only.
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15
Remote Command
1 = Ignore Remote Commands
0 = Normal operation
R/W
0
14:13
Reserved
Reads will produce undefined results. Should be
written as 0.
R/W
XX
12
SQE_TEST Disable
1 = Disables the SQE heartbeat which occurs after
each transmission.
0 = The heartbeat assertion occurs on the COL pin
approximately 1-5 µs after transmission and for a
duration of 1 µs.
R/W
0
11
Command Low Power
1 = Command low power
0 = Normal operation
R/W
0
10
Command High Power
1 = Command high power
0 = Normal operation
R/W
0
9
Command Low Speed
1 = Command low speed
0 = Normal operation
R/W
0
8
Command High Speed
1 = Command high speed
0 = Normal operation
R/W
0
7
Disable AID Negotiation
1 = Disable AID negotiation
0 = Normal operation
R/W
0
6
Clear PHY-Event Counter
1 = Clear PHY event counter
0 = Normal operation
**Self clearing after ~100 ns
R/W
0
5
Disable Squelch adaptation
1 = Disable Squelch adaptation
0 = Normal operation
R/W
0
4
Power Down
1 = Power down
0 = Normal operation
(This bit is controlled by the HPR0, bit 11)
R0
3
Reserved
Reads will produce undefined results
RX
2
High Speed
1 = Device is currently in High speed
0 = Device is currently in Low speed
R/W
1
1
High Power
1 = Device is currently in High power
0 = Device is currently in Low power
R/W
0
0
Reserved
Reads will produce undefined results
R/W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com