Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS17A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFS17A
Description  NPN 3 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS17A Datasheet(HTML) 3 Page - NXP Semiconductors

  BFS17A Datasheet HTML 1Page - NXP Semiconductors BFS17A Datasheet HTML 2Page - NXP Semiconductors BFS17A Datasheet HTML 3Page - NXP Semiconductors BFS17A Datasheet HTML 4Page - NXP Semiconductors BFS17A Datasheet HTML 5Page - NXP Semiconductors BFS17A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
September1995
3
Philips Semiconductors
Product specification
NPN 3 GHz wideband transistor
BFS17A
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
dB.
2. dim = −60 dB (DIN 45004B); IC = 14 mA; VCE = 10 V; RL =75 Ω; Tamb =25 °C;
Vp =VO; fp = 795.25 MHz;
Vq =VO −6 dB; fq = 803.25 MHz;
Vr =VO −6 dB; fr = 805.25 MHz;
measured at f(p+q−r) = 793.25 MHz.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
up to Ts =70 °C; note 1
260
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =10V
−−
50
nA
hFE
DC current gain
IC = 2 mA; VCE =1V; Tamb =25 °C25
90
−
IC = 25 mA; VCE =1V; Tamb =25 °C25
90
−
fT
transition frequency
IC = 25 mA; VCE = 5 V; f = 500 MHz;
Tamb =25 °C
−
2.8
−
GHz
Cc
collector capacitance
IE = 0; VCB = 10 V; f = 1 MHz;
Tamb =25 °C
−
0.7
−
pF
Ce
emitter capacitance
IC = 0; VEB = 0.5 V; f = 1 MHz
−
1.25
−
pF
Cre
feedback capacitance
IC = 0; VCE =5V; f=1MHz
−
0.6
−
pF
GUM
maximum unilateral power gain
note 1
IC = 14 mA; VCE = 10 V; f = 800 MHz −
13.5
−
dB
F
noise figure
IC = 2 mA; VCE =5V; ZS =60 Ω;
f = 800 MHz; Tamb =25 °C
−
2.5
−
dB
VO
output voltage
note 2
−
150
−
mV
G
UM
10 log
S
21
2
1S
11
2
–


1S
22
2
–


--------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com