Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS25A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFS25A
Description  NPN 5 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS25A Datasheet(HTML) 5 Page - NXP Semiconductors

  BFS25A Datasheet HTML 1Page - NXP Semiconductors BFS25A Datasheet HTML 2Page - NXP Semiconductors BFS25A Datasheet HTML 3Page - NXP Semiconductors BFS25A Datasheet HTML 4Page - NXP Semiconductors BFS25A Datasheet HTML 5Page - NXP Semiconductors BFS25A Datasheet HTML 6Page - NXP Semiconductors BFS25A Datasheet HTML 7Page - NXP Semiconductors BFS25A Datasheet HTML 8Page - NXP Semiconductors BFS25A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
December 1997
5
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFS25A
In Figs 6 to 9, GUM = maximum unilateral power gain;
MSG = maximum stable gain; Gmax = maximum available
gain.
Fig.6 Gain as a function of collector current.
VCE = 1 V; f = 500 MHz; Tamb =25 °C.
handbook, halfpage
MRC035
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
MSG
GUM
gain
(dB)
IC (mA)
Fig.7
Maximum unilateral power gain as a
function of collector current.
f = 1 GHz; Tamb =25 °C.
handbook, halfpage
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
IC (mA)
GUM
(dB)
MRC036
1 V
= 3 V
CE
V
Fig.8 Gain as a function of frequency.
IC = 0.5 mA; VCE = 1 V; Tamb =25 °C.
handbook, halfpage
MRC034
0
10
20
30
40
50
0.01
0.1
1
10
f (GHz)
MSG
GUM
Gmax
gain
(dB)
Fig.9 Gain as a function of frequency.
IC = 1 mA; VCE = 1 V; Tamb =25 °C.
handbook, halfpage
MRC033
0
10
20
30
40
50
10−1
10−2
110
MSG
GUM
Gmax
gain
(dB)
f (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com