Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD54003-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # PD54003-E
Description  RF POWER transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PD54003-E Datasheet HTML 12Page - STMicroelectronics PD54003-E Datasheet HTML 13Page - STMicroelectronics PD54003-E Datasheet HTML 14Page - STMicroelectronics PD54003-E Datasheet HTML 15Page - STMicroelectronics PD54003-E Datasheet HTML 16Page - STMicroelectronics PD54003-E Datasheet HTML 17Page - STMicroelectronics PD54003-E Datasheet HTML 18Page - STMicroelectronics PD54003-E Datasheet HTML 19Page - STMicroelectronics PD54003-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Common source s-parameter
PD54003-E, PD54003S-E
16/28
7
Common source s-parameter
7.1
PD54003 (VDS = 7.5V, IDS = 50mA)
Table 7.
S-parameter
FREQ
IS11IIS21IIS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.729
-127
10.26
94
0.058
5
0.702
-122
100
0.759
-146
4.91
72
0.056
-15
0.706
-141
150
0.807
-154
3.02
59
0.050
-28
0.749
-149
200
0.845
-159
2.06
48
0.044
-38
0.802
-154
250
0.844
-162
1.48
40
0.039
-45
0.839
-185
300
0.901
-165
1.12
33
0.034
-52
0.875
-162
350
0.921
-168
0.86
27
0.030
-57
0.899
-165
400
0.932
-170
0.69
22
0.027
-60
0.915
-168
450
0.944
-172
0.56
18
0.023
-64
0.935
-170
500
0.952
-173
0.47
14
0.019
-66
0.943
-172
550
0.957
-175
0.39
11
0.017
-68
0.951
-173
600
0.962
-176
0.33
8
0.014
-72
0.954
-175
650
0.967
-177
0.29
5
0.012
-70
0.958
-176
700
0.969
-178
0.25
3
0.010
-71
0.958
-178
750
0.970
-180
0.22
1
0.009
-69
0.963
-179
800
0.972
179
0.20
-1
0.008
-71
0.963
179
850
0.972
179
0.18
-2
0.007
-78
0.969
178
900
0.973
178
0.16
-4
0.004
-76
0.972
177
950
0.972
177
0.15
-5
0.002
-46
0.972
176
1000
0.975
176
0.13
-6
0.003
-42
0.973
175
1050
0.975
175
0.12
-7
0.001
14
0.968
174
1100
0.975
174
0.11
-8
0.003
29
0.966
173
1150
0.970
173
0.10
-10
0.003
51
0.967
172
1200
0.973
173
0.10
-10
0.005
65
0.965
171
1250
0.972
172
0.09
-12
0.005
62
0.966
170
1300
0.970
171
0.08
-12
0.007
67
0.963
170
1350
0.970
170
0.08
-12
0.007
67
0.959
169
1400
0.967
170
0.07
-12
0.008
73
0.962
168
1450
0.968
169
0.07
-12
0.010
64
0.953
167
1500
0.965
168
0.06
-15
0.010
76
0.950
166
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com