Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5259BRMZ50 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5259BRMZ50
Description  Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259BRMZ50 Datasheet(HTML) 4 Page - Analog Devices

  AD5259BRMZ50 Datasheet HTML 1Page - Analog Devices AD5259BRMZ50 Datasheet HTML 2Page - Analog Devices AD5259BRMZ50 Datasheet HTML 3Page - Analog Devices AD5259BRMZ50 Datasheet HTML 4Page - Analog Devices AD5259BRMZ50 Datasheet HTML 5Page - Analog Devices AD5259BRMZ50 Datasheet HTML 6Page - Analog Devices AD5259BRMZ50 Datasheet HTML 7Page - Analog Devices AD5259BRMZ50 Datasheet HTML 8Page - Analog Devices AD5259BRMZ50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD5259
Preliminary Technical Data
Rev. PrJ 7/22/04 | Page 4 of 14
TIMING CHARACTERISTICS—5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ VERSIONS
(VDD = +5V ± 10%, or +3V ± 10%; VA = VDD; VB = 0 V; –40°C < TA < +85°C; unless otherwise noted.)
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
I2C INTERFACE TIMING CHARACTERISTICS1 (Specifications Apply to All Parts)
SCL Clock Frequency
fSCL
0
400
kHz
tBUF Bus Free Time between STOP and START
t1
1.3
µs
tHD;STA Hold Time (Repeated START)
t2
After this period, the first clock pulse is
generated.
0.6
µs
tLOW Low Period of SCL Clock
t3
1.3
µs
tHIGH High Period of SCL Clock
t4
0.6
µs
tSU;STA Setup Time for Repeated START Condition
t5
0.6
µs
tHD;DAT Data Hold Time
t6
0
0.9
µs
tSU;DAT Data Setup Time
t7
100
ns
tF Fall Time of Both SDA and SCL Signals
t8
300
ns
tR Rise Time of Both SDA and SCL Signals
t9
300
ns
tSU;STO Setup Time for STOP Condition
t10
0.6
µs
t1
SCL
SDA
PS
P
t3
t2
t8
t9
t8
t9
t4
t5
t7
t6
t10
Figure 4. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com